Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3586-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3586-1
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3586-1 Datasheet HTML 1Page - Linear Technology LTC3586-1 Datasheet HTML 2Page - Linear Technology LTC3586-1 Datasheet HTML 3Page - Linear Technology LTC3586-1 Datasheet HTML 4Page - Linear Technology LTC3586-1 Datasheet HTML 5Page - Linear Technology LTC3586-1 Datasheet HTML 6Page - Linear Technology LTC3586-1 Datasheet HTML 7Page - Linear Technology LTC3586-1 Datasheet HTML 8Page - Linear Technology LTC3586-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3586/LTC3586-1

3586fb
pin conFiguraTion
absoluTe MaxiMuM raTings
VBUS (Transient) t < 1ms,
Duty Cycle < 1% ..........................................–0.3V to 7V
VIN1, VIN2, VIN3, VIN4, VBUS (Static),
BAT, NTC, CHRG, FAULT, ILIM0, ILIM1,
EN3, EN4, MODE, FB4, VOUT4 .....................–0.3V to 6V
FB1...................–0.3V to Lesser of 6V and (VIN1 + 0.3V)
FB2...................–0.3V to Lesser of 6V and (VIN2 + 0.3V)
FB3, VC3...........–0.3V to Lesser of 6V and (VIN3 + 0.3V)
EN1, EN2................................–0.3V to Lesser of 6V and
Max (VBUS, VOUT, BAT) + 0.3V
ICLPROG ....................................................................3mA
IFAULT, ICHRG...........................................................50mA
IPROG........................................................................2mA
ILDO3V3...................................................................30mA
ISW1, ISW2 ............................................................600mA
ISW, IBAT, IVOUT............................................................2A
ISWAB3, ISWCD3, ISW4, IVOUT3 ...................................2.5A
Operating Temperature Range (Note 2)....–40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range...................–65°C to 125°C
(Notes 1, 5)
13 14 15 16
TOP VIEW
39
UFE PACKAGE
38-LEAD (4mm 6mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
ILIM0
ILIM1
LDO3V3
CLPROG
NTC
VOUT4
VOUT4
SW4
MODE
FB4
FB3
VC3
GATE
CHRG
PROG
FB1
VIN1
SW1
SW2
VIN2
FB2
VIN4
EN1
EN2
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, VIN1 = VIN2 = VIN3 = VIN4 = VOUT3 = 3.8V,
VOUT4 = 5V, RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3586EUFE#PBF
LTC3586EUFE#TRPBF
3586
38-Lead (4mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC3586EUFE-1#PBF
LTC3586EUFE-1#TRPBF
35861
38-Lead (4mm
× 6mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PowerPath Switching Regulator
VBUS
Input Supply Voltage
4.35
5.5
V
IBUSLIM
Total Input Current
1x Mode, VOUT = BAT
5x Mode, VOUT = BAT
10x Mode, VOUT = BAT
Suspend Mode, VOUT = BAT
l
l
l
l
87
436
800
0.31
95
460
860
0.38
100
500
1000
0.50
mA
mA
mA
mA
IVBUSQ
VBUS Quiescent Current
1x Mode, IVOUT = 0mA
5x Mode, IVOUT = 0mA
10x Mode, IVOUT = 0mA
Suspend Mode, IVOUT = 0mA
7
15
15
0.044
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com