Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3609 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3609
Description  32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3609 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3609 Datasheet HTML 9Page - Linear Technology LTC3609 Datasheet HTML 10Page - Linear Technology LTC3609 Datasheet HTML 11Page - Linear Technology LTC3609 Datasheet HTML 12Page - Linear Technology LTC3609 Datasheet HTML 13Page - Linear Technology LTC3609 Datasheet HTML 14Page - Linear Technology LTC3609 Datasheet HTML 15Page - Linear Technology LTC3609 Datasheet HTML 16Page - Linear Technology LTC3609 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3609

3609fb
applicaTions inForMaTion
MinimumOff-timeandDropoutOperation
The minimum off-time, tOFF(MIN), is the smallest amount
of time that the LTC3609 is capable of turning on the bot-
tom MOSFET, tripping the current comparator and turning
the MOSFET back off. This time is generally about 250ns.
The minimum off-time limit imposes a maximum duty
cycle of tON/(tON + tOFF(MIN)). If the maximum duty cycle
is reached, due to a dropping input voltage for example,
then the output will drop out of regulation. The minimum
input voltage to avoid dropout is:
V
V
t
t
t
IN MIN
OUT
ON
OFF MIN
ON
(
)
(
)
=
+
A plot of maximum duty cycle vs frequency is shown in
Figure 3.
SettingtheOutputVoltage
The LTC3609 develops a 0.6V reference voltage between
the feedback pin, VFB, and the signal ground as shown in
Figure 6. The output voltage is set by a resistive divider
according to the following formula:
VOUT =0.6V 1+
R2
R1
Toimprovethefrequencyresponse,afeed-forwardcapaci-
tor, C1, may also be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
InductorSelection
Given the desired input and output voltages, the induc-
tor value and operating frequency determine the ripple
current:
Δ
IL =
VOUT
f L
 1
−
VOUT
VIN
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a tradeoff between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 40% of IOUT(MAX). The largest ripple current
occurs at the highest VIN. To guarantee that ripple current
does not exceed a specified maximum, the inductance
should be chosen according to:
L =
VOUT
f ΔIL(MAX)
 1−
VOUT
VIN(MAX)
Figure3.MaximumSwitchingFrequencyvsDutyCycle
2.0
1.5
1.0
0.5
0
0
0.25
0.50
0.75
3609 F03
1.0
DROPOUT
REGION
DUTY CYCLE (VOUT/VIN)
Figure2.CorrectingFrequencyShiftwithLoadCurrentChanges
CVON
0.01µF
RVON2
100k
RVON1
30k
CC
VOUT
RC
(2a)
(2b)
VON
ITH
LTC3609
CVON
0.01µF
RVON2
10k
Q1
2N5087
RVON1
3k
10k
CC
3609 F02
VOUT
INTVCC
RC
VON
ITH
LTC3609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com