Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7003 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM7003
Description  SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7003 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM7003 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7003 Datasheet HTML 2Page - Central Semiconductor Corp CMLDM7003 Datasheet HTML 3Page - Central Semiconductor Corp CMLDM7003 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMLDM7003
CMLDM7003G*
CMLDM7003J
SURFACE MOUNT SILICON
DUAL N-CHANNEL
ENHANCEMENT-MODE
MOSFETS
DESCRIPTION:
These CENTRAL SEMICONDUCTOR devices
are dual N-Channel enhancement-mode MOSFETs,
manufactured by the N-Channel DMOS Process,
designed for high speed pulsed amplifier and driver
applications. The CMLDM7003 utilizes the USA pinout
configuration, while the CMLDM7003J utilizes the
Japanese pinout configuration. These devices offer low
rDS(ON) and ESD protection up to 2kV.
MARKING CODES: CMLDM7003:
C30
CMLDM7003G*: C3G
CMLDM7003J:
C3J
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Drain-Gate Voltage
VDG
50
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current
ID
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=5.0V
100
nA
IGSSF, IGSSR
VGS=10V
2.0
μA
IGSSF, IGSSR
VGS=12V
2.0
μA
IDSS
VDS=50V, VGS=0
50
nA
BVDSS
VGS=0, ID=10μA
50
V
VGS(th)
VDS=VGS, ID=250μA
0.49
1.0
V
VSD
VGS=0, IS=115mA
1.4
V
rDS(ON)
VGS=1.8V, ID=50mA
1.6
3.0
Ω
rDS(ON)
VGS=2.5V, ID=50mA
1.3
2.5
Ω
rDS(ON)
VGS=5.0V, ID=50mA
1.1
2.0
Ω
gFS
VDS=10V, ID=200mA
200
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
Qg(tot)
VDS=25V, VGS=4.5V, ID=100mA
0.764
nC
Qgs
VDS=25V, VGS=4.5V, ID=100mA
0.148
nC
Qgd
VDS=25V, VGS=4.5V, ID=100mA
0.156
nC
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
* Device is Halogen Free by design
SOT-563 CASE
R9 (8-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLDM7003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7003 CENTRAL-CMLDM7003 Datasheet
117Kb / 2P
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003 CENTRAL-CMLDM7003 Datasheet
233Kb / 2P
SURFACE MOUNT PICOminiTM DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003 CENTRAL-CMLDM7003 Datasheet
523Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003E CENTRAL-CMLDM7003E Datasheet
527Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003E CENTRAL-CMLDM7003E Datasheet
734Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL
More results

Similar Description - CMLDM7003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM3737 CENTRAL-CMLDM3737 Datasheet
592Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMRDM3590 CENTRAL-CMRDM3590_10 Datasheet
422Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMXDM7002A CENTRAL-CMXDM7002A_10 Datasheet
497Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMKDM8005 CENTRAL-CMKDM8005 Datasheet
488Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7005 CENTRAL-CMLDM7005 Datasheet
592Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7003T-M563D CENTRAL-CTLDM7003T-M563D Datasheet
641Kb / 2P
SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D Datasheet
475Kb / 2P
SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7002A CENTRAL-CMLDM7002A_15 Datasheet
963Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CMLDM8002A CENTRAL-CMLDM8002A_15 Datasheet
995Kb / 4P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D_15 Datasheet
475Kb / 2P
SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT- SILICON MOSFETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com