Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS52-0007-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS52-0007-RTR
Description  Low Cost Two-Way GMIC SMT Power Divider 2200 - 2500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0007-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  DS52-0007-RTR Datasheet HTML 1Page - Tyco Electronics DS52-0007-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Cost Two-Way GMIC SMT Power Divider — 2200 - 2500MHz
DS52-0007
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S1502 A
1. Exceeding these limits may cause permanent damage.
2. With internal load dissipation of 0.125 W Maximum.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
2
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Recommended PCB Configuration
Typical Performance @ +25°C
-3
-2
-1
0
2200
2275
2350
2425
2500
FREQUENCY(MHz)
Phase Balance Vs Frequency Relative to RF1
Functional Diagram
VSWR Vs Frequency
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2200
2275
2350
2425
2500
FREQUENCY(dB)
Isolation Vs Frequency
-26
-24
-22
-20
-18
-16
-14
2200
2275
2350
2425
2500
FREQUENCY(MHz)
Insertion Loss Vs Frequency
-1.5
-1
-0.5
0
2200
2275
2350
2425
2500
FREQUENCY(MHz)
CIRCUIT MATERIAL: FR-4, .016 THICK
(Dimensions in Inches)
INPUT
OUTPUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com