Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56-0001-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS56-0001-RTR
Description  Low Cost Six-Way SMT Power Divider 824 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS56-0001-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  DS56-0001-RTR Datasheet HTML 1Page - Tyco Electronics DS56-0001-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Six-Way SMT Power Divider
DS56-0001
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V4.00
0
-0.5
-1.0
-1.5
-2.0
824
858
892
926
960
Frequency (M H z)
0
-10
-20
-30
-40
Frequency (M H z)
824
858
892
926
960
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
2
Operating Temperature
Storage Temperature
1W CW
-40°C to +85°C
-65°C to 150°C
1. Exceeding these limits may cause permanent damage.
2. With internal load dissipation of 0.125 W maximum.
Functional Diagram
3
3. Pins 2, 4, 6, 8, 9, 10, 11, 13, and 15 must be DC and RF grounded.
Typical Performance @ +25°C
VSWR vs. Frequency
Insertion Loss vs. Frequency
Recommended PCB Configuration
(Dimensions in Inches)
RF 6 (OUT)
RF 5 (OUT)
RF 4 (OUT)
RF 3 (OUT)
RF 2 (OUT)
RF 1 (OUT)
RF IN
GND
GND
GND
GND
GND
GND
GND
GND
GND
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TYP.
TYP.
.016 DIA.
PLATE D
THRU (2 1X)
.050 DIA.
PLATE D
THRU (3 X)
RF 6
RF 5
RF 4
RF 3
RF 2
RF 1
RF IN
.067
TYP.
.030 TYP.
.041
.428
.335
.093
Isolation vs. Frequency
Frequency (M H z)
2.0
1.8
1.6
1.4
1.2
1.0
In pu t
Outpu t
824
858
892
926
960



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com