Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBB-402 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NBB-402
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-402 Datasheet(HTML) 7 Page - RF Micro Devices

  NBB-402 Datasheet HTML 1Page - RF Micro Devices NBB-402 Datasheet HTML 2Page - RF Micro Devices NBB-402 Datasheet HTML 3Page - RF Micro Devices NBB-402 Datasheet HTML 4Page - RF Micro Devices NBB-402 Datasheet HTML 5Page - RF Micro Devices NBB-402 Datasheet HTML 6Page - RF Micro Devices NBB-402 Datasheet HTML 7Page - RF Micro Devices NBB-402 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
NBB-402
DS130418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Note: The s-parameter gain results shown below include device performance as well as evaluation board and connector loss
variations. The insertion losses of the evaluation board and connectors are as follows:
1GHz to 4GHz = -0.06dB
5GHz to 9GHz = -0.22dB
10GHz to 14GHz = -0.50dB
15GHz to 20GHz = -1.08dB
S11 versus Frequency
-20.0
-15.0
-10.0
-5.0
0.0
0.0
5.0
10.0
15.0
20.0
Frequency (GHz)
S12 versus Frequency
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
5.0
10.0
15.0
20.0
Frequency (GHz)
S21 versus Frequency
0.0
5.0
10.0
15.0
20.0
0.0
5.0
10.0
15.0
20.0
Frequency (GHz)
S22 versus Frequency
-20.0
-15.0
-10.0
-5.0
0.0
0.0
5.0
10.0
15.0
20.0
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com