Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLB-300 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NLB-300
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-300 Datasheet(HTML) 7 Page - RF Micro Devices

  NLB-300 Datasheet HTML 1Page - RF Micro Devices NLB-300 Datasheet HTML 2Page - RF Micro Devices NLB-300 Datasheet HTML 3Page - RF Micro Devices NLB-300 Datasheet HTML 4Page - RF Micro Devices NLB-300 Datasheet HTML 5Page - RF Micro Devices NLB-300 Datasheet HTML 6Page - RF Micro Devices NLB-300 Datasheet HTML 7Page - RF Micro Devices NLB-300 Datasheet HTML 8Page - RF Micro Devices NLB-300 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131015
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 9
NLB-300
Tape and Reel Dimensions (all dimensions in millimeters)
14.732 mm (7
”) REEL
Plastic, Micro-X
ITEMS
SYMBOL
SIZE (mm)
SIZE (inches)
FLANGE
Diameter
B
178 +0.25/-4.0
7.0 +0.079/-0.158
Thickness
T
18.4 MAX
0.724 MAX
Space Between Flange
F
12.8 +2.0
0.50 +0.08
HUB
Outer Diameter
O
76.2 REF
3.0 REF
Spindle Hole Diameter
S
13.716 +0.5/-0.2
0.540 +0.020/-0.008
Key Slit Width
A
1.5 MIN
0.059 MIN
Key Slit Diameter
D
20.2 MIN
0.795 MIN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com