Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3582 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3582
Description  Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 2 Page - Linear Technology

  LT3582_15 Datasheet HTML 1Page - Linear Technology LT3582_15 Datasheet HTML 2Page - Linear Technology LT3582_15 Datasheet HTML 3Page - Linear Technology LT3582_15 Datasheet HTML 4Page - Linear Technology LT3582_15 Datasheet HTML 5Page - Linear Technology LT3582_15 Datasheet HTML 6Page - Linear Technology LT3582_15 Datasheet HTML 7Page - Linear Technology LT3582_15 Datasheet HTML 8Page - Linear Technology LT3582_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3582/LT3582-5/LT3582-12
2
3582512fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage..................................................................6V
SWP Voltage .............................................................15V
SWN Voltage........................................................ –16.5V
CAPP Voltage............................................................15V
CAPP-VOUTP Voltage.................................... –0.8V to 8V
ICAPP-VOUTP....................................................... ±300mA
VOUTP Voltage ...........................................................15V
VOUTN Voltage...................................................... –16.5V
RAMPP Voltage ..........................................................3V
RAMPN Voltage ..........................................................3V
SHDN Voltage ................................................ –0.5 to 6V
VPP Voltage...................................................–0.2 to 16V
SDA, CA, SCL Voltage.................................... –0.5 to 6V
Operating Junction Temperature Range (Notes 3, 5)
LT3582E ............................................ –40°C to 125°C
Storage Temperature Range .............. –65°C to 150°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-PIN (3mm × 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
CA
VOUTN
SWN
SWN
SWP
CAPP
CAPP
VOUTP
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN #17) IS GND, MUST BE SOLDERED TO PCB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN_MIN
Minimum Operating Voltage
l
2.4
2.475
2.55
V
VIN_MAX
Maximum Operating Voltage
l
5.5
V
IVIN
VIN Quiescent Current
Ramp Current Configured to 1μA,
SWOFF Bit Active
325
450
μA
IVIN_SHDN
VIN Quiescent Current in Shutdown
VSHDN = 0
0.01
0.5
μA
ICAPP_SHDN
CAPP Quiescent Current in Shutdown
VSHDN = 0, VCAPP = 5.0V, VOUTP = 0V
0
0.5
μA
TOFF_MINP
Minimum Switch Off Time
Boost Switch
100
ns
TOFF_MINN
Minimum Switch Off Time
Inverting Switch
125
ns
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3582EUD#PBF
LT3582EUD#TRPBF
LDDB
16-Pin (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3582EUD-5#PBF
LT3582EUD-5#TRPBF
LDVG
16-Pin (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3582EUD-12#PBF
LT3582EUD-12#TRPBF
LDVH
16-Pin (3mm
× 3mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VSHDN = VIN unless otherwise noted. (Note 3)
Switching Regulator Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com