Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDA1005L Datasheet(PDF) 9 Page - RF Micro Devices

Part # RDA1005L
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RDA1005L Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RDA1005L Datasheet HTML 2Page - RF Micro Devices RDA1005L Datasheet HTML 3Page - RF Micro Devices RDA1005L Datasheet HTML 4Page - RF Micro Devices RDA1005L Datasheet HTML 5Page - RF Micro Devices RDA1005L Datasheet HTML 6Page - RF Micro Devices RDA1005L Datasheet HTML 7Page - RF Micro Devices RDA1005L Datasheet HTML 8Page - RF Micro Devices RDA1005L Datasheet HTML 9Page - RF Micro Devices RDA1005L Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RDA1005L
DS120828
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1
AMPIN
RF Amplifier Input.
2GND
RF/DC Ground Connection.
3GND
RF/DC Ground Connection.
4ATTOUT
Digital Attenuator Output.
5ACG1
Place external capacitor to ground.
6ACG2
Place external capacitor to ground.
7ACG3
Place external capacitor to ground.
8ACG4
Place external capacitor to ground.
9ACG5
Place external capacitor to ground.
10
ACG6
Place external capacitor to ground.
11
GND
RF/DC Ground Connection.
12
ATTIN
Digital Attenuator Input.
13
GND
RF/DC Ground Connection.
14
NC
No connection; leave open or ground.
15
PUP
Power up programming pin.
Low = Max attenuation setting at power up, -31.5dB
High = Min attenuation setting at power up, 0dB
16
NC
No Connection, leave open or GND.
17
VDD
Supply Voltage.
18
NC
No Connection, leave open or GND.
19
NC
No Connection, leave open or GND.
20
NC
No Connection, leave open or GND.
21
NC
No Connection, leave open or GND.
22
NC
No Connection, leave open or GND.
23
NC
No Connection, leave open or GND.
24
NC
No Connection, leave open or GND.
25
CLK
Serial Clock.
26
DATA
Serial Data.
27
LE
Latch Enable.
28
GND
RF/DC Ground Connection.
29
AMPOUT
RF Amplifier Output.
30
GND
RF/DC Ground Connection.
31
GND
RF/DC Ground Connection.
32
GND
RF/DC Ground Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com