Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3791 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3791
Description  60V 4-Switch Synchronous Buck-Boost LED Driver Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3791_15 Datasheet HTML 17Page - Linear Technology LT3791_15 Datasheet HTML 18Page - Linear Technology LT3791_15 Datasheet HTML 19Page - Linear Technology LT3791_15 Datasheet HTML 20Page - Linear Technology LT3791_15 Datasheet HTML 21Page - Linear Technology LT3791_15 Datasheet HTML 22Page - Linear Technology LT3791_15 Datasheet HTML 23Page - Linear Technology LT3791_15 Datasheet HTML 24Page - Linear Technology LT3791_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3791
21
3791fb
For more information www.linear.com/LT3791
Power MOSFET Selections and Efficiency
Considerations
The LT3791 requires four external N-channel power MOS-
FETs,twoforthetopswitches(switchM1andM4,shownin
Figure 1) and two for the bottom switches (switch M2 and
M3showninFigure1).Importantparametersforthepower
MOSFETs are the breakdown voltage, VBR(DSS), threshold
voltage, VGS(TH), on-resistance, RDS(ON), reverse transfer
capacitance, CRSS, and maximum current, IDS(MAX).
The drive voltage is set by the 5V INTVCC supply. Con-
sequently, logic-level threshold MOSFETs must be used
in LT3791 applications. If the input voltage is expected
to drop below the 5V, then sub-logic threshold MOSFETs
should be considered.
In order to select the power MOSFETs, the power dis-
sipated by the device must be known. For switch M1, the
maximum power dissipation happens in boost operation,
when it remains on all the time. Its maximum power dis-
sipation at maximum output current is given by:
PM1(BOOST) =
ILED • VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
2
•
ρT •RDS(ON)
where
ρT is a normalization factor (unity at 25°C)
accounting for the significant variation in on-resistance
with temperature, typically 0.4%/°C as shown in Figure
10. For a maximum junction temperature of 125°C, using
a value of
ρT = 1.5 is reasonable.
Switch M2 operates in buck operation as the synchronous
rectifier. Its power dissipation at maximum output current
is given by:
PM2(BUCK) =
VIN – VOUT
VIN
•ILED2 •ρT •RDS(ON)
Switch M3 operates in boost operation as the control
switch. Its power dissipation at maximum current is
given by:
PM3(BOOST) =
VOUT – VIN
(
)•VOUT
VIN2
•ILED2 •ρT •RDS(ON)
+ k • VOUT3 •
ILED
VIN
•CROSS • f
where CRSS is usually specified by the MOSFET manufac-
turers. The constant k, which accounts for the loss caused
by reverse-recovery current, is inversely proportional to
the gate drive current and has an empirical value of 1.7.
For switch M4, the maximum power dissipation happens
in boost operation, when its duty cycle is higher than
50%. Its maximum power dissipation at maximum output
current is given by:
PM4(BOOST) =
VIN
VOUT
•
ILED • VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
2
•
ρT •RDS(ON)
For the same output voltage and current, switch M1 has
the highest power dissipation and switch M2 has the low-
est power dissipation unless a short occurs at the output.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com