Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3955 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3955
Description  60VIN LED Converter with Internal PWM Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3955 Datasheet(HTML) 2 Page - Linear Technology

  LT3955_15 Datasheet HTML 1Page - Linear Technology LT3955_15 Datasheet HTML 2Page - Linear Technology LT3955_15 Datasheet HTML 3Page - Linear Technology LT3955_15 Datasheet HTML 4Page - Linear Technology LT3955_15 Datasheet HTML 5Page - Linear Technology LT3955_15 Datasheet HTML 6Page - Linear Technology LT3955_15 Datasheet HTML 7Page - Linear Technology LT3955_15 Datasheet HTML 8Page - Linear Technology LT3955_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT3955
2
3955fb
For more information www.linear.com/LT3955
orDer inFormaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3955EUHE#PBF
LT3955EUHE#TRPBF
3955
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
LT3955IUHE#PBF
LT3955IUHE#TRPBF
3955
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
absoluTe maximum raTings
VIN, EN/UVLO............................................................60V
ISP, ISN, SW .............................................................80V
INTVCC...................................................VIN + 0.3V, 9.6V
PWMOUT........................................................... (Note 2)
CTRL, VMODE...........................................................15V
FB, PWM, SYNC.......................................................9.6V
VC, VREF ......................................................................3V
RT, DIM/SS ..............................................................1.5V
PGND, GNDK to GND .............................................±0.5V
Operating Ambient Temperature Range
(Notes 3, 4)............................................ –40°C to 125°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
12 13 14
TOP VIEW
37
GND
38
SW
UHE PACKAGE
36-LEAD (5mm
× 6mm) PLASTIC QFN
15 16 17
36 35 34 33 32 31 30
21
23
24
25
27
28
8
6
4
3
2
1
SYNC
EN/UVLO
INTVCC
GND
VIN
SW
SW
NC
ISP
ISN
FB
GND
PWMOUT
SW
SW
20
9
10
TJMAX = 125°C, θJA = 34°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 37) IS GND, MUST BE SOLDERED TO GND PLANE
EXPOSED PAD (PIN 38) IS SW, MUST BE SOLDERED TO SW PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com