Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP32D4SW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP32D4SW
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D4SW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP32D4SW_15 Datasheet HTML 1Page - Diodes Incorporated DMP32D4SW_15 Datasheet HTML 2Page - Diodes Incorporated DMP32D4SW_15 Datasheet HTML 3Page - Diodes Incorporated DMP32D4SW_15 Datasheet HTML 4Page - Diodes Incorporated DMP32D4SW_15 Datasheet HTML 5Page - Diodes Incorporated DMP32D4SW_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP32D4SW
Document number: DS35823 Rev. 3 - 2
2 of 6
www.diodes.com
March 2013
© Diodes Incorporated
DMP32D4SW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6)
VGS = -10V
TA = +25°C
TA = +70°C
ID
250
200
mA
Pulsed Drain Current (Note 6)
IDM
-1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 5)
PD
300
mW
(Note 6)
432
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
398
°C/W
(Note 6)
290
Thermal Resistance, Junction to Case
(Note 5)
RθJC
142
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -1mA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
-1
µA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
µA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1.4
-
-2.4
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
-
2.4
VGS = -10V, ID = -0.5A
4
VGS = -4.5V, ID = -0.3A
Forward Transfer Admittance
|Yfs|
-
6
-
S
VDS = -10V, ID = -400mA
Diode Forward Voltage
VSD
-
0.8
1.2
V
VGS = 0V, IS = -300mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
51.16
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
10.85
-
pF
Reverse Transfer Capacitance
Crss
-
8.88
-
pF
Gate Resistance
Rg
-
275
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
0.6
-
nC
VGS = -4.5V
VDS = -10V,
ID = -1A
Total Gate Charge
Qg
-
1.2
-
nC
VGS = -10V
Gate-Source Charge
Qgs
-
0.2
-
nC
Gate-Drain Charge
Qgd
-
0.3
-
nC
Turn-On Delay Time
tD(on)
-
9.86
-
ns
VDS = -15V, ID = -1A
VGS = -10V, RG = 6Ω
Turn-On Rise Time
tr
-
11.5
-
ns
Turn-Off Delay Time
tD(off)
-
31.8
-
ns
Turn-Off Fall Time
tf
-
21.9
-
ns
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com