Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2004DMK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2004DMK
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2004DMK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2004DMK_15 Datasheet HTML 1Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 2Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 3Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 4Page - Diodes Incorporated DMP2004DMK_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP2004DMK
Document number: DS30939 Rev. 4 - 2
2 of 5
www.diodes.com
August 2012
© Diodes Incorporated
DMP2004DMK
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 5)
ID
-550
mA
Pulsed Drain Current
IDM
-1.9
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
250
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1.0
μA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±1.0
μA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.5
⎯
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
0.7
1.1
1.7
0.9
1.4
2.0
Ω
VGS = -4.5V, ID = -430mA
VGS = -2.5V, ID = -300mA
VGS = -1.8V, ID = -150mA
Forward Transfer Admittance
|Yfs|
200
⎯
⎯
mS
VDS =10V, ID = -0.2A
Diode Forward Voltage (Note 6)
VSD
-0.5
⎯
-1.2
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
⎯
175
pF
VDS = -16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
⎯
30
pF
Reverse Transfer Capacitance
Crss
⎯
⎯
20
pF
Notes:
5.
Device mounted on FR-4 PCB.
6.
Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com