Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5554 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5554
Description  Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5554 Datasheet(HTML) 2 Page - Linear Technology

  LT5554_15 Datasheet HTML 1Page - Linear Technology LT5554_15 Datasheet HTML 2Page - Linear Technology LT5554_15 Datasheet HTML 3Page - Linear Technology LT5554_15 Datasheet HTML 4Page - Linear Technology LT5554_15 Datasheet HTML 5Page - Linear Technology LT5554_15 Datasheet HTML 6Page - Linear Technology LT5554_15 Datasheet HTML 7Page - Linear Technology LT5554_15 Datasheet HTML 8Page - Linear Technology LT5554_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT5554
2
5554f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC..........................................................................6V
Pin Voltages and Currents
OUT+, OUT– ............................................................7V
STROBE, PGx..........................................–0.5V to VCC
ENB, MODE.............................................–0.5V to VCC
IN+, IN–, DEC ........................................... –0.5V to 4V
Operating Ambient Temperature Range
LT5554............................................... –40°C to +85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................. –65°C to +150°C
(Notes 1, 2)
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
33
8
7
6
5
4
3
2
1
GND
GND
DEC
IN+
IN–
DEC
GND
GND
VCC
ENB
GND
OUT–
OUT+
GND
MODE
VCC
TJMAX = 150°C, θJA = 34°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5554IUH#PBF
LT5554IUH#TRPBF
5554
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com