Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6110 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6110
Description  Cable/Wire Drop Compensator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6110 Datasheet(HTML) 2 Page - Linear Technology

  LT6110_15 Datasheet HTML 1Page - Linear Technology LT6110_15 Datasheet HTML 2Page - Linear Technology LT6110_15 Datasheet HTML 3Page - Linear Technology LT6110_15 Datasheet HTML 4Page - Linear Technology LT6110_15 Datasheet HTML 5Page - Linear Technology LT6110_15 Datasheet HTML 6Page - Linear Technology LT6110_15 Datasheet HTML 7Page - Linear Technology LT6110_15 Datasheet HTML 8Page - Linear Technology LT6110_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LT6110
2
6110fa
For more information www.linear.com/LT6110
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–).................................55V
+IN, –IN, IOUT, IMON to V– Voltage ............................ V+
+IN, -IN, IOUT, IMON Current.................................10mA
IOUT to IMON Voltage....................................36V, –0.6V
V+, +IN to IOUT Voltage.............................................36V
Differential Input Voltage ............................................ V+
RSENSE Current (Note 2)
Continuous .............................................................3A
Transient (<0.1 Second)..........................................5A
(Note 1)
NC* 1
IOUT 2
IMON 3
V– 4
8 +IN
7 V+
6 RS
5 –IN
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 195°C/W
*NC PIN NOT INTERNALLY CONNECTED
TOP VIEW
+IN
V+
RS
–IN
NC*
IOUT
IMON
V–
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
9
V–
4
1
2
3
6
5
7
8
TJMAX = 150°C, θJA = 80.6°C/W
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
*NC PIN NOT INTERNALLY CONNECTED
orDer inForMaTion
Specified Temperature Range (Note 3)
LT6110I................................................–40°C to 85°C
LT6110H............................................. –40°C to 125°C
Junction Temperature .......................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TS8...................................................................300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6110ITS8#TRMPBF
LT6110ITS8#TRPBF
LTGCQ
8-Lead Plastic TSOT-23
–40°C to 85°C
LT6110HTS8#TRMPBF
LT6110HTS8#TRPBF
LTGCQ
8-Lead Plastic TSOT-23
–40°C to 125°C
LT6110IDC#TRMPBF
LT6110IDC#TRPBF
LGCP
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LT6110HDC#TRMPBF
LT6110HDC#TRPBF
LGCP
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com