Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8471 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8471
Description  Dual Multitopology DC/DC Converters with 2A Switches and Synchronization
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8471 Datasheet(HTML) 2 Page - Linear Technology

  LT8471_15 Datasheet HTML 1Page - Linear Technology LT8471_15 Datasheet HTML 2Page - Linear Technology LT8471_15 Datasheet HTML 3Page - Linear Technology LT8471_15 Datasheet HTML 4Page - Linear Technology LT8471_15 Datasheet HTML 5Page - Linear Technology LT8471_15 Datasheet HTML 6Page - Linear Technology LT8471_15 Datasheet HTML 7Page - Linear Technology LT8471_15 Datasheet HTML 8Page - Linear Technology LT8471_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LT8471
2
8471fc
For more information www.linear.com/8471
absoluTe MaxiMuM raTings
VIN1, VIN2 Voltages..................................... –0.3V to 50V
C1, C2 Voltages.......................................... –0.4V to 50V
E1, E2 Voltages ........................................... –60V to 50V
VC1 to VE1 and VC2 to VE2 Voltages............ –0.4V to 60V
VIN1 to VE1 and VIN2 to VE2 Voltages
Low Side Configurations (Note 6).......... –0.4V to 40V
High Side Configurations (Note 6) ......... –0.4V to 60V
VIN1 to VC1 and VIN2 to VC2 Voltages
High Side Configurations (Note 6) ......... –0.4V to 40V
C3 Voltage ................................................. –0.4V to 50V
RT Voltage ................................................... –0.3V to 5V
SYNC Voltage............................................ –0.3V to 5.5V
SS1, SS2................................................... –0.3V to 2.5V
FB1, FB2 Voltages ..................................... –2.5V to 2.5V
PG1, PG2 Voltages..................................... –0.3V to 50V
OV/UV Voltage ............................................. –0.3V to 5V
SHOUT Voltage ......................................... –0.3V to 50V
Operating Junction Temperature Range
LT8471E (Notes 2, 5) ......................... –40°C to 125°C
LT8471I (Notes 2, 5) .......................... –40°C to 125°C
LT8471H (Notes 2, 5)......................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package .......................................................300°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8471EFE#PBF
LT8471EFE#TRPBF
LT8471FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8471IFE#PBF
LT8471IFE#TRPBF
LT8471FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8471HFE#PBF
LT8471HFE#TRPBF
LT8471FE
20-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
C1
E1
VIN1
PG1
FB1
OV/UV
RT
SS1
SYNC
GND
C2
E2
VIN2
PG2
FB2
SS2
SHOUT
C3
GND
GND
21
GND
θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com