Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8495 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8495
Description  SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8495 Datasheet(HTML) 2 Page - Linear Technology

  LT8495_15 Datasheet HTML 1Page - Linear Technology LT8495_15 Datasheet HTML 2Page - Linear Technology LT8495_15 Datasheet HTML 3Page - Linear Technology LT8495_15 Datasheet HTML 4Page - Linear Technology LT8495_15 Datasheet HTML 5Page - Linear Technology LT8495_15 Datasheet HTML 6Page - Linear Technology LT8495_15 Datasheet HTML 7Page - Linear Technology LT8495_15 Datasheet HTML 8Page - Linear Technology LT8495_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LT8495
2
8495fa
For more information www.linear.com/LT8495
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, BIAS Voltage......................................................60V
SWEN, WDE, RSTIN Voltage .....................................60V
FB Voltage.................................................................60V
SW Voltage ...............................................................70V
WDI, RST, WDO Voltage..............................................6V
RT Voltage ..................................................................6V
(Note 1)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
BIAS
FB
FB
NC
CPOR
CWDT
RST
SS
NC
RT
SW
NC
VIN
NC
WDI
WDO
GND
WDE
SWEN
RSTIN
21
GND
θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9 10
5
4
3
2
1
11
12
13
14
15
SS
RT
GND
GND
RSTIN
GND
GND
GND
SW
GND
θJA = 47°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8495EUF#PBF
LT8495EUF#TRPBF
8495
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT8495IUF#PBF
LT8495IUF#TRPBF
8495
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT8495EFE#PBF
LT8495EFE#TRPBF
LT8495FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8495IFE#PBF
LT8495IFE#TRPBF
LT8495FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8495HFE#PBF
LT8495HFE#TRPBF
LT8495FE
20-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
CPOR, CWDT, SS Voltage ...........................................3V
Operating Junction Temperature Range
LT8495E, LT8495I (Notes 2, 3).......... –40°C to 125°C
LT8495H (Notes 2, 3) ........................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package .......................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com