Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2818 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2818
Description  GPS LOW NOISE AMPLIFIER WITH INTEGRATED INPUT/OUTPUT SAW FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2818 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2818 Datasheet HTML 1Page - RF Micro Devices RF2818 Datasheet HTML 2Page - RF Micro Devices RF2818 Datasheet HTML 3Page - RF Micro Devices RF2818 Datasheet HTML 4Page - RF Micro Devices RF2818 Datasheet HTML 5Page - RF Micro Devices RF2818 Datasheet HTML 6Page - RF Micro Devices RF2818 Datasheet HTML 7Page - RF Micro Devices RF2818 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF2818
DS100714
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VDD
3.6
V
IDD
20
mA
Maximum Input Power - CW,
VDD=2.7V, IDD=8.4mA
+15
dBm
PDISS
72
mW
Max Voltage on RF Output (Pin 8)
+5
V
TJ (Junction Temperature)
150
°C
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Current Mode
VDD= VSD=2.7V, IDD=7mA, Temp=25°C
Nominal Operating Conditions (unless other-
wise specified)
Gain (G)
12.5
14
dB
Noise Figure (NF)*
1.55
1.95
dB
Input P1dB Compressed Power
(IP1dB)
-6.0
dBm
Input 3rd Order Intercept Point
(2-tone at fc±2.5MHz)
+6
dBm
Input Return Loss (S11)
-7.5
dB
Output Return Loss (S22)
-14
dB
Reverse Isolation (S12)
-24
dB
Cell Band Rejection (Relative to
1575GHz at 827.5MHz
80
101
dBc
PCS Band Rejection (Relative to
1575MHz at 1885MHz)
70
74
dBc
Supply DC Current at Shutdown
(SD) Voltage VSD=2.7V (IDD)
710
mA
ISH (Shutdown Current)
0.40
uA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com