Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP036-RAC Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP036-RAC
Description  High efficiency and reliability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP036-RAC Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP036-RAC Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
• Temperature Range: Operating: 0°C ~ +40°C
•
Humidity: 80% on operating, 90% on storage
• Average Efficiency: Efficiency Level V & ErP Teir 2
• No Load Power Consumption: Less than 0.3W
• Dimensions (LxWxH): 86x36x26mm
/3.39x1.42x1.02inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Connecter
Type
Connecter
IDxODxL
Dc cable Length
(mm)
AD036RAC-J21
12V
3A
Barrel 90 ̊
2.1x5.5x9.5
1500
AD036RAC-ATC17R
12V
3A
Barrel 90 ̊
1.7x4.75x11
1500
FSP036-RAC
(Efficiency Level V, RoHS Compliant)
36 Watts Power Adapter
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
• High efficiency and reliability
• Low noise and ripple
• Output over voltage, short circuit, and over current
protection
• Complies with FCC part 15, and CISPR 22 class B
• Approved by CUL/UL60950-1 2
nd TUV EN60950-1 2nd,
CB 60950-1 2
nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Similar Part No. - FSP036-RAC

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP036-RBBN2 FSP-FSP036-RBBN2 Datasheet
115Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
logo
Sparkle Power Inc.
FSP036-RBBN2 SPI-FSP036-RBBN2 Datasheet
447Kb / 5P
AC?륞C POWER SUPPLY
logo
FSP TECHNOLOGY INC.
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
IPC systems, Set top boxes, Modems
logo
Sparkle Power Inc.
FSP036-RXBN2 SPI-FSP036-RXBN2 Datasheet
447Kb / 5P
AC?륞C POWER SUPPLY
More results

Similar Description - FSP036-RAC

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP060-DBAB1 SPI-FSP060-DBAB1 Datasheet
64Kb / 1P
High efficiency and reliability
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
High efficiency and reliability
FSP350-60GHS SPI-FSP350-60GHS Datasheet
795Kb / 1P
High efficiency and reliability
FSP700-80WEPB SPI-FSP700-80WEPB Datasheet
171Kb / 1P
High efficiency 80plus Platinum and reliability
FSP084-DIBAN2 SPI-FSP084-DIBAN2 Datasheet
50Kb / 1P
High efficiency and reliability
FSP120-ABBN2 SPI-FSP120-ABBN2 Datasheet
48Kb / 1P
High efficiency and reliability
FSP150-ABAN2 SPI-FSP150-ABAN2 Datasheet
47Kb / 1P
High efficiency and reliability
FSP150-AHAN2 SPI-FSP150-AHAN2 Datasheet
34Kb / 1P
High efficiency and reliability
FSP200-50GSV-5K SPI-FSP200-50GSV-5K Datasheet
564Kb / 1P
High efficiency and reliability
logo
Wall Industries,Inc.
WMGPSU06X-CC WALL-WMGPSU06X-CC Datasheet
257Kb / 4P
High Efficiency and Reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com