Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP065-RAC Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP065-RAC
Description  Low noise and ripple
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP065-RAC Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP065-RAC Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
• Temperature Range: Operating: 0°C ~ +40°C
• Humidity: 80% on operating, 90% on storage
• Average Efficiency: Efficiency Level V & ErP Teir 2
• No Load Power Consumption: Less than 0.5W
• Dimensions (LxWxH): 108x46.3x30mm
/4.25x1.82x1.18inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Connecter
Type
Connecter
IDxODxL
Dc cable
Length (mm)
AD065RAC-ATC25R
19V
3.42A
Barrel 90 ̊
2.5x5.5x11
1500
FSP065-RAC
(Efficiency Level V, RoHS Compliant)
65 Watts Power Adapter
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
• High efficiency and reliability
• Low noise and ripple
• Output over voltage, short circuit, and over current
protection
• Complies with FCC part 15, and CISPR 22 class B
• Approved by CUL/UL60950-1
2nd TUV EN60950-1 2nd, CB
60950-1
2nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Similar Part No. - FSP065-RAC

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP065-RAB FSP-FSP065-RAB Datasheet
80Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
More results

Similar Description - FSP065-RAC

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
Low Ripple and Noise
logo
Astec America, Inc
AEO ASTEC-AEO Datasheet
1Mb / 4P
Low Ripple and Noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
Low ripple and noise
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
Low ripple and noise
AVE350B ARTESYN-AVE350B Datasheet
1Mb / 3P
Low ripple and noise
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
Low ripple and noise
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
Low ripple and noise
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
Low Ripple and Noise
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com