Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8580 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 2 Page - Linear Technology

  LT8580_15 Datasheet HTML 1Page - Linear Technology LT8580_15 Datasheet HTML 2Page - Linear Technology LT8580_15 Datasheet HTML 3Page - Linear Technology LT8580_15 Datasheet HTML 4Page - Linear Technology LT8580_15 Datasheet HTML 5Page - Linear Technology LT8580_15 Datasheet HTML 6Page - Linear Technology LT8580_15 Datasheet HTML 7Page - Linear Technology LT8580_15 Datasheet HTML 8Page - Linear Technology LT8580_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT8580
2
8580f
For more information www.linear.com/LT8580
absoluTe MaxiMuM raTings
VIN Voltage.................................................–0.3V to 40V
SW Voltage ................................................–0.4V to 65V
RT Voltage ...................................................–0.3V to 5V
SS Voltage ................................................–0.3V to 2.5V
FBX Voltage.................................................................5V
FBX Current............................................................–1mA
VC Voltage ................................................... –0.3V to 2V
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
9
GND
4
3
2
1
FBX
VC
VIN
SW
SYNC
SS
RT
SHDN
θJA = 43°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
FBX
VC
VIN
SW
8
7
6
5
SYNC
SS
RT
SHDN
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
θJA = 35°C/W TO 40°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8580EDD#PBF
LT8580EDD#TRPBF
LGKH
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT8580IDD#PBF
LT8580IDD#TRPBF
LGKH
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT8580HDD#PBF
LT8580HDD#TRPBF
LGKH
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 150°C
LT8580EMS8E#PBF
LT8580EMS8E#TRPBF
LTGKJ
8-Lead Plastic MSOP
–40°C to 125°C
LT8580IMS8E#PBF
LT8580IMS8E#TRPBF
LTGKJ
8-Lead Plastic MSOP
–40°C to 125°C
LT8580HMS8E#PBF
LT8580HMS8E#TRPBF
LTGKJ
8-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SHDN Voltage ............................................–0.3V to 40V
SYNC Voltage............................................ –0.3V to 5.5V
Operating Junction Temperature Range
LT8580E (Notes 2, 5).........................–40°C to 125°C
LT8580I (Notes 2, 5)..........................–40°C to 125°C
LT8580H (Notes 2, 5) ........................ –40°C to 150°C
Storage Temperature Range ..................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com