Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8582 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8582
Description  Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8582 Datasheet(HTML) 2 Page - Linear Technology

  LT8582_15 Datasheet HTML 1Page - Linear Technology LT8582_15 Datasheet HTML 2Page - Linear Technology LT8582_15 Datasheet HTML 3Page - Linear Technology LT8582_15 Datasheet HTML 4Page - Linear Technology LT8582_15 Datasheet HTML 5Page - Linear Technology LT8582_15 Datasheet HTML 6Page - Linear Technology LT8582_15 Datasheet HTML 7Page - Linear Technology LT8582_15 Datasheet HTML 8Page - Linear Technology LT8582_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT8582
2
8582f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1 Voltage ............................................... –0.3V to 40V
SWA1/SWB1 Voltage.................................. –0.4V to 42V
RT1 Voltage ................................................. –0.3V to 5V
SS1 Voltage .............................................. –0.3V to 2.5V
FBX1 Voltage................................................ –0.3V to 5V
VC1 Voltage .................................................. –0.3V to 2V
SHDN1 Voltage .........................................................40V
SHDN1 Current ......................................................–1mA
SYNC1 Voltage.......................................... –0.3V to 5.5V
GATE1 Voltage ........................................... –0.3V to 60V
PG1 Voltage ............................................... –0.3V to 40V
PG1 Current ........................................................±0.5mA
CLKOUT1 ........................................................... (Note 5)
Operating Junction Temperature Range
LT8582E ............................................ –40°C to 125°C
LT8582I ............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Note: Absolute maximum ratings are shown for channel 1 only. Channel 2
ratings are identical.
TOP VIEW
25
GND
DKD PACKAGE
24-LEAD (7mm
× 4mm) PLASTIC DFN
SWA1
VIN1
PG1
GATE1
VC1
FBX1
FBX2
VC2
GATE2
PG2
VIN2
SWA2
SWB1
CLKOUT1
SHDN1
RT1
SS1
SYNC1
SYNC2
SS2
RT2
SHDN2
CLKOUT2
SWB2
12
11
10
13
14
15
16
17
18
19
20
21
22
23
24
9
8
7
6
5
4
3
2
1
TJMAX = 125°C, θJA = 34°C/W, θJC = 7°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8582EDKD#PBF
LT8582EDKD#TRPBF
8582
24-Pin (7mm
× 4mm) Plastic DFN
–40°C to 125°C
LT8582IDKD#PBF
LT8582IDKD#TRPBF
8582
24-Pin (7mm
× 4mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com