Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8584 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8584
Description  2.5A Monolithic Active Cell Balancer with Telemetry Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8584 Datasheet(HTML) 2 Page - Linear Technology

  LT8584_15 Datasheet HTML 1Page - Linear Technology LT8584_15 Datasheet HTML 2Page - Linear Technology LT8584_15 Datasheet HTML 3Page - Linear Technology LT8584_15 Datasheet HTML 4Page - Linear Technology LT8584_15 Datasheet HTML 5Page - Linear Technology LT8584_15 Datasheet HTML 6Page - Linear Technology LT8584_15 Datasheet HTML 7Page - Linear Technology LT8584_15 Datasheet HTML 8Page - Linear Technology LT8584_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT8584
2
8584fb
For more information www.linear.com/LT8584
pin conFiguraTion
absoluTe MaxiMuM raTings
DIN to GND Voltage ................................................. ±10V
VIN, VCELL, VSNS, MODE, OUT,
DCHRG Voltage............................................ –0.3V to 9V
RTMR Voltage.................................................... (Note 2)
SW Voltage (Note 3) .................................. –0.4V to 50V
VIN – VCELL Voltage............................................±200mV
VIN – VSNS Voltage.............................................±200mV
MODE – VIN Voltage.............................................200mV
VSNS, MODE Pin Current........................................ ±1mA
VCELL, OUT Pin Current........................................±10mA
SW Pin Negative Current ..........................................–2A
Operating Junction Temperature Range (Note 4)
LT8584E................................................. –40°C to 125°C
LT8584I.................................................. –40°C to 125°C
LT8584H ................................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
GND
GND
GND
MODE
RTMR
DIN
OUT
SW
SW
SW
SW
DCHRG
VSNS
VCELL
VIN
17
GND
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8584EFE#PBF
LT8584EFE#TRPBF
8584FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT8584IFE#PBF
LT8584IFE#TRPBF
8584FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT8584HFE#PBF
LT8584HFE#TRPBF
8584FE
16-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com