Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3855 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3855
Description  3.1V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3855 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3855 Datasheet HTML 1Page - RF Micro Devices RF3855 Datasheet HTML 2Page - RF Micro Devices RF3855 Datasheet HTML 3Page - RF Micro Devices RF3855 Datasheet HTML 4Page - RF Micro Devices RF3855 Datasheet HTML 5Page - RF Micro Devices RF3855 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
RF3855
DS110914
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.0
VDC
Mode Voltage (VMODE)
+4.2
VDC
Control Voltage (VREG)
+3.0
VDC
Input RF Power
+10
dBm
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State
(VMODE Low)
Case T=25°C, VCC=3.1V, VREG=2.90V,
VMODE=0V to 0.5V, Freq=1615MHz
Frequency Range
1611
1618
MHz
Linear Gain
30
31
34
dB
OIP3
31
34
dBm
Tone 1: 1614MHz @ +19dBm
Tone 2: 1615MHz @ +19dBm
OP1dB
>22
dBm
DC Supply
Supply Voltage
3.0
3.1
3.6
V
Quiescent Current
150
185
300
mA
VMODE=Low=High Gain Mode
VREG Current
5
10
mA
VMODE Current
1
mA
Total Current (Power Down)
10
AVREG=Low
VREG “Low” Voltage
0
0.5
V
VREG “High” Voltage
2.75
2.85
2.95
V
VMODE “Low” Voltage
0
0.5
V
VMODE “High” Voltage
2.0
3.0
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com