Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8640 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8640
Description  42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 2 Page - Linear Technology

  LT8640_15 Datasheet HTML 1Page - Linear Technology LT8640_15 Datasheet HTML 2Page - Linear Technology LT8640_15 Datasheet HTML 3Page - Linear Technology LT8640_15 Datasheet HTML 4Page - Linear Technology LT8640_15 Datasheet HTML 5Page - Linear Technology LT8640_15 Datasheet HTML 6Page - Linear Technology LT8640_15 Datasheet HTML 7Page - Linear Technology LT8640_15 Datasheet HTML 8Page - Linear Technology LT8640_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8640
2
8640f
For more information www.linear.com/LT8640
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
BIAS..........................................................................25V
FB, TR/SS . .................................................................4V
SYNC Voltage .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8640E ............................................ –40°C to 125°C
LT8640I ............................................. –40°C to 125°C
LT8640H............................................ –40°C to 150°C
Storage Temperature Range ......................–65 to 150°C
(Note 1)
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8640EUDC#PBF
LT8640EUDC#TRPBF
LGNJ
18-Lead (3mm × 4mm) Plastic QFN
–40°C to 125°C
LT8640IUDC#PBF
LT8640IUDC#TRPBF
LGNJ
18-Lead (3mm × 4mm) Plastic QFN
–40°C to 125°C
LT8640HUDC#PBF
LT8640HUDC#TRPBF
LGNJ
18-Lead (3mm × 4mm) Plastic QFN
–40°C to 150°C
Consult LTC® Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.9
3.4
V
VIN Quiescent Current
VEN/UV = 0V
l
0.75
0.75
3
10
µA
µA
VEN/UV = 2V, Not Switching, VSYNC = 0V
l
1.7
1.7
4
10
µA
µA
VEN/UV = 2V, Not Switching, VSYNC = 2V
0.3
0.5
mA
VIN Current in Regulation
VOUT = 0.97V, VIN = 6V, Output Load = 100µA
VOUT = 0.97V, VIN = 6V, Output Load = 1mA
l
l
21
220
50
350
µA
µA
Feedback Reference Voltage
VIN = 6V, ILOAD = 0.5A
VIN = 6V, ILOAD = 0.5A
l
0.964
0.958
0.970
0.970
0.976
0.982
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 42V, ILOAD = 0.5A
l
0.004
0.02
%/V
20 19 18 17
7
8
9
10
TOP VIEW
UDC PACKAGE
18-LEAD (3mm
× 4mm) PLASTIC QFN
1
BIAS
INTVCC
BST
VIN1
GND1
TR/SS
RT
EN/UV
VIN2
GND2
16
15
14
13
11
2
3
4
6
21
SW
22
SW
θJA = 40°C/W, θJC(PAD) = 12°C/W
EXPOSED PAD (PINS 21, 22) ARE SW, SHOULD BE SOLDERED TO PCB
NOTE: PINS 5 AND 12 ARE REMOVED. CONFIGURATION DOES NOT MATCH
JEDEC 20-LEAD PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com