Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5102 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5102
Description  3V TO 5V LINEAR POWER AMPLIFIER FOR 2.4GHz WIFI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5102 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5102 Datasheet HTML 1Page - RF Micro Devices RF5102 Datasheet HTML 2Page - RF Micro Devices RF5102 Datasheet HTML 3Page - RF Micro Devices RF5102 Datasheet HTML 4Page - RF Micro Devices RF5102 Datasheet HTML 5Page - RF Micro Devices RF5102 Datasheet HTML 6Page - RF Micro Devices RF5102 Datasheet HTML 7Page - RF Micro Devices RF5102 Datasheet HTML 8Page - RF Micro Devices RF5102 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF5102
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5
V
Power Control Voltage (V
REG)3.3
V
DC Supply Current
500
mA
Input RF Power
+5
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance and Nominal
Conditions
IEEE802.11g, IEEE802.11b, FCC CFG 15.247,
.205, .209, EN and JDEC
V
CC =3.3 V, VREG = 2.85 V pulsed at 1% to 99%
duty cycle ,Temp=+25°C, Freq=2.4GHz to
2.5GHz, OFDM 54Mbps signal, unless noted
otherwise.
Frequency Range
2400
2500
MHz
Linear Output Power
21.0
dBm
VCC=3.3V. Meets 802.11g spectral mask
23.0
dBm
VCC=5.0V. Meets 802.11g spectral mask
EVM
3.3
4.0
%
POUT=+21dBm, 54M OFDM, VCC=3.3VDC
3.3
4.0
%
POUT=+23dBm, 54M OFDM, VCC=5.0VDC
Gain
26
28
dB
Both POUT=+21dBm and +23dBm. VCC=3.3V
and 5.0V.
Input Impedance
50
Internally Matched Input and Interstage
Output VSWR
10:1
No spurs above -43dBm
Power Detector (P_detect)
POUT=21dBm
0.13
1.10
V
VCC=3.3V
POUT=23dBm
0.13
2.2
V
VCC=5.0V
Power Supply
Operating Voltage
3.0
3.3
5.0
VDC
5V operation requires output match revision
VREG (Bias) Voltage
(VREG1, VREG2)
2.75
2.85
2.95
VDC
Current Consumption
185
mA
RF POUT=+21dBm, VCC=3.3V,
54Mbps OFDM
250
RF POUT=+23dBm, VCC=5.0V,
54Mbps OFDM
Quiescent Current
95
mA
RF=OFF
Leakage Current
10
uA
VCC=ON; RF In=OFF; VREG OFF
VREG (Bias) Current (Total)
3
mA
VCC=3.3V
3mA
VCC=5.0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com