Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPF4391 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPF4391
Description  SURFACE MOUNT N-CHANNEL SILICON JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPF4391 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPF4391 Datasheet HTML 1Page - Central Semiconductor Corp CMPF4391 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPF4391
CMPF4392
CMPF4393
SURFACE MOUNT
N-CHANNEL
SILICON JFET
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPF4391
CMPF4392
CMPF4393
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN MAX
MIN MAX
UNITS
Crss
VGS=12V, VDS=0, f=1.0MHz
-
3.5
-
-
-
-
pF
Crss
VGS=7.0V, VDS=0, f=1.0MHz
-
-
-
3.5
-
-
pF
Crss
VGS=5.0V, VDS=0, f=1.0MHz
-
-
-
-
-
3.5
pF
tON
ID(ON)=12mA
-
15
-
-
-
-
ns
tON
ID(ON)=6.0mA
-
-
-
15
-
-
ns
tON
ID(ON)=3.0mA
-
-
-
-
-
15
ns
tOFF
VGS(OFF)=12V
-
20
-
-
-
-
ns
tOFF
VGS(OFF)=7.0V
-
-
-
35
-
-
ns
tOFF
VGS(OFF)=5.0V
-
-
-
-
-
50
ns
LEAD CODE:
1) Drain
2) Source
3) Gate
MARKING CODES:
CMPF4391: 6J
CMPF4392: 6K
CMPF4393: 6G
SOT-23 CASE - MECHANICAL OUTLINE
www.centralsemi.com
R5 (27-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com