Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5345SR
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5345SR Datasheet HTML 5Page - RF Micro Devices RF5345SR Datasheet HTML 6Page - RF Micro Devices RF5345SR Datasheet HTML 7Page - RF Micro Devices RF5345SR Datasheet HTML 8Page - RF Micro Devices RF5345SR Datasheet HTML 9Page - RF Micro Devices RF5345SR Datasheet HTML 10Page - RF Micro Devices RF5345SR Datasheet HTML 11Page - RF Micro Devices RF5345SR Datasheet HTML 12Page - RF Micro Devices RF5345SR Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
50
 strip
J3
RX_OUT
C_Shared_RX
50
 strip
J2
ANT
50
 strip
J1
TX_IN
R1
0
PDETECT
Note 2: VCC_B, VCC1 and VCC2 may be tied together to the voltage supply
L2
3.0 nH
C71
1
F
L3
1.8 nH
J3
BT
C_TX
C_RX
C1
0.1
F
LNA_Bias
L1
0.8 nH
VCC_12
N/C
VCC_22
17
GND
C_BT
PA VCC
C6
DNP
Note 1: Capacitors C7, and C8 are critical components to maintain linear output power and proper supply decoupling
C81
0.1
F
C4
330 pF
VREG
C_BTR
P2
1
2
3
4
5
6
C_RX
C_Shared_RX
C_TX
LNA Bias
GND
VCC
P1
1
2
3
4
VREG
GND
PDETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com