Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5355SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5355SR
Description  3.3V, 5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5355SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5355SR Datasheet HTML 3Page - RF Micro Devices RF5355SR Datasheet HTML 4Page - RF Micro Devices RF5355SR Datasheet HTML 5Page - RF Micro Devices RF5355SR Datasheet HTML 6Page - RF Micro Devices RF5355SR Datasheet HTML 7Page - RF Micro Devices RF5355SR Datasheet HTML 8Page - RF Micro Devices RF5355SR Datasheet HTML 9Page - RF Micro Devices RF5355SR Datasheet HTML 10Page - RF Micro Devices RF5355SR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RF5355
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
RF5355PCBA Evaluation Board (4.9GHz to 5.85GHz)
The following components C11, R3, and C8 may be left unpopulated without degradation in performance depending on the lay-
out.
1
6
2
5
3
8
4
7
Bias
Input
Match
Interstage
Match
Interstage
Match
Output
Match
VREG
C11
5.1 pF
PDETECT
50
strip
J2
RF OUT
50
strip
J1
RF IN
C2
N/U
R2
22
C5
1 nF
C6
4.7
F
VCC
VCC (V)
3.0 to 4.0
4.0 V to 5.0 V
R1 (
)
82
120
R2 (
)
22
56
C3
N/U
R3
10
C8
10 pF
C17
1 uF
R1
82
C1
39 pF
P1
1
2
3
4
CON3
P1-2
PDETECT
GND
P1-3
VREG
P1-4
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com