Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWDM305PD Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CWDM305PD
Description  SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CWDM305PD Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CWDM305PD Datasheet HTML 1Page - Central Semiconductor Corp CWDM305PD Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CWDM305PD
SURFACE MOUNT
DUAL P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CWDM305PD
is a dual high current P-channel enhancement-mode
silicon MOSFET manufactured by the P-channel
DMOS process, and is designed for high speed pulsed
amplifier and driver applications. This MOSFET offers
high current, low rDS(ON), low threshold voltage, and
low gate charge.
MARKING CODE: C503
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
16
V
Continuous Drain Current (Steady State)
ID
5.3
A
Maximum Pulsed Drain Current, tp=10μs
IDM
21.2
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=20V, VDS=0
100
nA
IDSS
VDS=30V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
30
V
VGS(th)
VGS=VDS, ID=250μA
1.0
3.0
V
rDS(ON)
VGS=10V, ID=2.7A
0.066
0.072
Ω
rDS(ON)
VGS=5.0V, ID=2.7A
0.077
0.083
Ω
gFS
VDS=5.0V, ID=5.3A
11
S
Crss
VDS=10V, VGS=0, f=1.0MHz
50
60
pF
Ciss
VDS=10V, VGS=0, f=1.0MHz
500
590
pF
Coss
VDS=10V, VGS=0, f=1.0MHz
60
150
pF
Qg(tot)
VDD=15V, VGS=5.0V, ID=5.3A
4.7
7.0
nC
Qgs
VDD=15V, VGS=5.0V, ID=5.3A
1.4
2.1
nC
Qgd
VDD=15V, VGS=5.0V, ID=5.3A
1.7
2.5
nC
ton
VDD=15V, ID=5.3A, RG=10Ω
7.0
ns
toff
VDD=15V, ID=5.3A, RG=10Ω
8.0
ns
FEATURES:
• Low rDS(ON) (83mΩ MAX @ VGS=5.0V)
• High current (ID=5.3A)
APPLICATIONS:
• Load/Power switches
• Power supply converter circuits
• Battery powered portable equipment
SOIC-8 CASE
R2 (23-August 2012)
www.centr a lsemi.com


Similar Part No. - CWDM305PD

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CWDM305PD CENTRAL-CWDM305PD Datasheet
660Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
logo
SHENZHEN DOINGTER SEMIC...
CWDM305PD DOINGTER-CWDM305PD Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
More results

Similar Description - CWDM305PD

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8002A CENTRAL-CMLDM8002A_10 Datasheet
524Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMKDM8005 CENTRAL-CMKDM8005_13 Datasheet
945Kb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM5757 CENTRAL-CMLDM5757_13 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMRDM7590 CENTRAL-CMRDM7590_12 Datasheet
437Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CWDM305PD CENTRAL-CWDM305PD Datasheet
660Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMKDM8005 CENTRAL-CMKDM8005_15 Datasheet
945Kb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8005 CENTRAL-CMLDM8005_15 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMRDM7590 CENTRAL-CMRDM7590_15 Datasheet
437Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM304P-M832DS CENTRAL-CTLDM304P-M832DS_15 Datasheet
683Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8120-M832DS CENTRAL-CTLDM8120-M832DS Datasheet
758Kb / 5P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
R0 2-March 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com