Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5385 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5385
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5385 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5385 Datasheet HTML 1Page - RF Micro Devices RF5385 Datasheet HTML 2Page - RF Micro Devices RF5385 Datasheet HTML 3Page - RF Micro Devices RF5385 Datasheet HTML 4Page - RF Micro Devices RF5385 Datasheet HTML 5Page - RF Micro Devices RF5385 Datasheet HTML 6Page - RF Micro Devices RF5385 Datasheet HTML 7Page - RF Micro Devices RF5385 Datasheet HTML 8Page - RF Micro Devices RF5385 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF5385
DS120723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.5
V
DC
Power Control Voltage (PA
ENABLE)
-0.5 to 3.6
VDC
DC Supply Current
700
mA
Input RF Power
+5
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11b/g/n Standards; FCC CFG 15.247, .205, .209;
EN and JDEC.
Transmit
Nominal Operating Conditions
VCC=3.3V to 4.2V, VREG=2.85V to 2.95V, Switch
Control voltage=2.7V to 3.6V, Temp= -10°C to +70°C,
Freq=2.412GHz to 2.484GHz, Unless
otherwise noted.
Frequency Range
2.4
2.5
GHz
Test frequency range: 2412MHz to 2484MHz
Power Supply
3.0
3.3
4.8
V
2.7
V
Derated performance
VREG Voltage
ON
2.85
2.9
2.95
V
OFF
0
0.2
V
Output Power
11n
18.5
19
dBm
VCC>3.0V OFDM 54Mbps
11n
19.5
20
dBm
VCC>3.3V OFDM 54Mbps
11g
20
20.5
dBm
VCC>3.3V OFDM 54Mbps
11b
22
23
dBm
11Mbps, CCK, VCC>3.0V
EVM
11n
2.5
3
%
POUT=20dBm; VCC >3.3V; 54Mbps OFDM; Room Temp
2.5
3
%
POUT=19.5dBm; VCC >3.3V; 54Mbps OFDM; Over Temp
Range
2.5
3
%
POUT=19dBm; VCC >3.0V; 54Mbps OFDM; Room Temp
2.5
3
%
POUT=18.5 dBm; VCC >3.0V; 54Mbps OFDM; Over Temp
Range
11g
3.5
4
%
POUT=20.5dBm; VCC >3.3V; 54Mbps OFDM; Room Temp
3.5
4
%
POUT=20dBm; VCC >3.3V; 54Mbps OFDM; Over Temp
Range
Adjacent Channel Power
11b; CCK 11Mbps; at rated power (note 3)
ACP1
-36
-33
dBc
fc +/- 11MHz; VCC >3.0V
ACP2
-56
-52
dBc
fc +/- 22MHz; VCC >3.0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com