Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5385SQ Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5385SQ
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5385SQ Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5385SQ Datasheet HTML 3Page - RF Micro Devices RF5385SQ Datasheet HTML 4Page - RF Micro Devices RF5385SQ Datasheet HTML 5Page - RF Micro Devices RF5385SQ Datasheet HTML 6Page - RF Micro Devices RF5385SQ Datasheet HTML 7Page - RF Micro Devices RF5385SQ Datasheet HTML 8Page - RF Micro Devices RF5385SQ Datasheet HTML 9Page - RF Micro Devices RF5385SQ Datasheet HTML 10Page - RF Micro Devices RF5385SQ Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RF5385
DS120723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Recommendations
A = 0.250 x 0.250 mm Typ
B = 1.400 x 1.400 mm 10% Rounded Rectangle
Pin 1
A
A
A
A
A
A
A
A
A
A
A
A
PCB METAL LAND PATTERN
PCB SOLDER MASK LAND PATTERN
PCB STENCIL PATTERN
Pin 1
Pin 1
B
1.000 Typ
0.500 Typ
0.500 Typ
0.500 Typ
0.569 Typ
0.569 Typ
0.500 Typ
1.000 Typ
A = 0.390 x 0.390 mm Typ
B = 1.540 x 1.540 mm 10% Rounded Rectangle
A = 0.225 x 0.225 mm Typ
B = 1.260 x 1.260 mm 10% Rounded Rectangle
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
A
A
A
A
A
A
A
A
B
1.000 Typ
0.500 Typ
0.500 Typ
1.000 Typ
0.500 Typ
0.500 Typ
0.569 Typ
0.569 Typ
0.569 Typ
0.569 Typ
0.500 Typ
1.000 Typ
0.500 Typ
1.000 Typ
0.500 Typ
0.500 Typ
0.244 Typ
0.244 Typ
0.104 Typ
0.104 Typ
0.327 Typ
0.327 Typ
Thermal vias for center slug "B" should be incorporated into the PCB design.
The number and size of thermal vias will depend on the application, the power
dissipation, and the electrical requirements. Example of the number and size
of vias can be found on the RFMD evaluation board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com