Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5506 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5506
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5506 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5506 Datasheet HTML 1Page - RF Micro Devices RF5506 Datasheet HTML 2Page - RF Micro Devices RF5506 Datasheet HTML 3Page - RF Micro Devices RF5506 Datasheet HTML 4Page - RF Micro Devices RF5506 Datasheet HTML 5Page - RF Micro Devices RF5506 Datasheet HTML 6Page - RF Micro Devices RF5506 Datasheet HTML 7Page - RF Micro Devices RF5506 Datasheet HTML 8Page - RF Micro Devices RF5506 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF5506
DS120326
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.5
VDC
Maximum TX and RX Input Power
(No Damage)
5dBm
Operating Temperature
-10 to +70
°C
Extreme Operating Temperature
-30 to +85
°C
Storage Temperature
-40 to 150
°C
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit Parameters
Nominal conditions: T=25°C; Vdd=3.3V;
PA_EN=3.0V; Freq=5.5GHz; 802.11a
54Mbps; pulsed at 1 to 99% duty cycle
unless otherwise noted.
Compliance
IEEE802.11a/n; FCC CFR 15.45, .205, .209
Nominal Operating Fre-
quency Range
5.15
5.85
GHz
DC Supply Voltage
3.0
3.3
4.8
V
Nominal operating range 3.3V to 4.2V
PA Enable Voltage
2.80
3.0
3.6
V
max sink current 3.5mA
Output Power
14.5
15.5
dBm
Nominal conditions (Temp=25C; Vdd=3.3V;
PA_EN=3.0V; Freq=5.5GHz)
13
14
dBm
Over all conditions (Temp=-10C to +70C;
Vdd=3.3V to 4.2V; PA_EN=2.8V to 3.6V;
Freq=5.15GHz to 5.85GHz)
Operating Current
175
225
mA
POUT=15.5dBm 802.11a 54Mbps
Supply Leakage Currrent
10
50
A
Vdd=3.6V; Control voltage LOW; PA_EN LOW
Error Vector Magnitude at
Rated Power
2.5
3
%
At rated power; 802.11a 54Mbps
Thermal Resistance
33
VCC=6, ICC=140mA, TREF=85°C
Harmonics
2fo
-45
-42
dBm
POUT =15.5dBm with 11a 6Mbps signal.
3fo
-45
-42
dBm
POUT=15.5dBm with 11a 6Mbps signal.
Gain
28
32
34
dB
Temp=25C; VDD=3.3V; PA_EN=3.0V
26
32
35.5
dB
Over all conditions (Temp=-10C to +70C;
Vdd=3.3V to 4.2V; PA_EN=2.8V to 3.6V;
Freq=5.15GHz to 5.85GHz)
Gain Variation
-2
2
dB
Over frequency per 100MHz band
Ripple across band
-1
1
dB
Over frequency per 20MHz band
Power Detector Voltage
0.2
1.3
V
POUT=0 to 18dBm; 64 QAM 54Mbps
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com