Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # TIP34B
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TIP34B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  TIP34B Datasheet HTML 1Page - Central Semiconductor Corp TIP34B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP33
TIP33A TIP33B TIP33C
MAXIMUM RATINGS: (TC=25°C)
SYMBOL TIP34
TIP34A TIP34B TIP34C
UNITS
Collector-Base Voltage
VCBO
40
60
80
100
V
Collector-Emitter Voltage
VCEO
40
60
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
10
A
Peak Collector Current
ICM
15
A
Continuous Base Current
IB
3.0
A
Power Dissipation (TA=25°C)
PD
3.5
W
Power Dissipation
PD
80
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
35.7
°C/W
Thermal Resistance
ΘJC
1.56
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=30V (TIP33, TIP33A, TIP34, TIP34A)
0.7
mA
ICEO
VCE=60V (TIP33B, TIP33C, TIP34B, TIP34C)
0.7
mA
ICES
VCE=Rated VCEO
0.4
mA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=30mA (TIP33, TIP34)
40
V
BVCEO
IC=30mA (TIP33A, TIP34A)
60
V
BVCEO
IC=30mA (TIP33B, TIP34B)
80
V
BVCEO
IC=30mA (TIP33C, TIP34C)
100
V
VCE(SAT)
IC=3.0A, IB=0.3A
1.0
V
VCE(SAT)
IC=10A, IB=2.5A
4.0
V
VBE(ON)
VCE=4.0V, IC=3.0A
1.6
V
VBE(ON)
VCE=4.0V, IC=10A
3.0
V
hFE
VCE=4.0V, IC=1.0A
40
hFE
VCE=4.0V, IC=3.0A
20
100
hfe
VCE=10V, IC=0.5A, f=1.0kHz
20
fT
VCE=10V, IC=0.5A, f=1.0MHz
3.0
MHz
TIP33 TIP33A TIP33B TIP33C
NPN
TIP34 TIP34A TIP34B TIP34C
PNP
COMPLEMENTARY
SILICON POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR TIP33 and TIP34
series devices are complementary silicon high power
transistors manufactured by the epitaxial base process,
designed for general purpose amplifier and switching
applications.
MARKING: FULL PART NUMBER
TO-218 TRANSISTOR CASE
R1 (18-July 2013)
www.centr a lsemi.com


Similar Part No. - TIP34B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP34B MOSPEC-TIP34B Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
logo
Motorola, Inc
TIP34B MOTOROLA-TIP34B Datasheet
105Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP34B ONSEMI-TIP34B Datasheet
102Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP34B POINN-TIP34B Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP34B SAVANTIC-TIP34B Datasheet
138Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - TIP34B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com