Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5516SB Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5516SB
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5516SB Datasheet(HTML) 9 Page - RF Micro Devices

  RF5516SB Datasheet HTML 1Page - RF Micro Devices RF5516SB Datasheet HTML 2Page - RF Micro Devices RF5516SB Datasheet HTML 3Page - RF Micro Devices RF5516SB Datasheet HTML 4Page - RF Micro Devices RF5516SB Datasheet HTML 5Page - RF Micro Devices RF5516SB Datasheet HTML 6Page - RF Micro Devices RF5516SB Datasheet HTML 7Page - RF Micro Devices RF5516SB Datasheet HTML 8Page - RF Micro Devices RF5516SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF5516
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
10
15
20
25
30
35
40
123456789 10 11 12 13 14 15 16 17 18
Output Power (dBm)
Gain versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz
0.05
0.1
0.15
0.2
0.25
0.3
0.35
123456789 10 11 12 13 14 15 16 17 18
Output Power (dBm)
Operang Current versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Output Power (dBm)
Power Detector versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz
0
1
2
3
4
5
6
7
8
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Output Power (dBm)
EVM versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com