Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5601SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5601SR
Description  4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5601SR Datasheet(HTML) 9 Page - RF Micro Devices

  RF5601SR Datasheet HTML 1Page - RF Micro Devices RF5601SR Datasheet HTML 2Page - RF Micro Devices RF5601SR Datasheet HTML 3Page - RF Micro Devices RF5601SR Datasheet HTML 4Page - RF Micro Devices RF5601SR Datasheet HTML 5Page - RF Micro Devices RF5601SR Datasheet HTML 6Page - RF Micro Devices RF5601SR Datasheet HTML 7Page - RF Micro Devices RF5601SR Datasheet HTML 8Page - RF Micro Devices RF5601SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 9
RF5601
Tape and Reel
Carrier tape basic dimensions are based on EIA 481. The pocket is designed to hold the part for shipping and loading onto SMT
manufacturing equipment, while protecting the body and the solder terminals from damaging stresses. The individual pocket
design can vary from vendor to vendor, but width and pitch will be consistent.
Carrier tape is wound or placed onto a shipping reel either 330 mm (13 inches) in diameter or 178 mm (7 inches) in diameter. The
center hub design is large enough to ensure the radius formed by the carrier tape around it does not put unnecessary stress on
the parts.
Prior to shipping, moisture sensitive parts (MSL level 2a-5a) are baked and placed into the pockets of the carrier tape. A cover
tape is sealed over the top of the entire length of the carrier tape. The reel is sealed in a moisture barrier ESD bag with the
appropriate units of desiccant and a humidity indicator card, which is placed in a cardboard shipping box. It is important to note
that unused moisture sensitive parts need to be resealed in the moisture barrier bag. If the reels exceed the exposure limit and
need to be rebaked, most carrier tape and shipping reels are not rated as bakeable at 125°C. If baking is required, devices may be
baked according to section 4, table 4-1, of Joint Industry Standard IPC/JEDEC J-STD-033.
The table below provides useful information for carrier tape and reels used for shipping the devices described in this document.
RFMD Part Number
Reel
Diameter
Inch (mm)
Hub
Diameter
Inch (mm)
Width
(mm)
Pocket Pitch
(mm)
Feed
Units per
Reel
RF5601TR7
7 (178)
2.4 (61)
12
4
Single
2500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com