Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5611 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5611
Description  3.3V, SWITCH AND LNA FRONT END SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5611 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5611 Datasheet HTML 1Page - RF Micro Devices RF5611 Datasheet HTML 2Page - RF Micro Devices RF5611 Datasheet HTML 3Page - RF Micro Devices RF5611 Datasheet HTML 4Page - RF Micro Devices RF5611 Datasheet HTML 5Page - RF Micro Devices RF5611 Datasheet HTML 6Page - RF Micro Devices RF5611 Datasheet HTML 7Page - RF Micro Devices RF5611 Datasheet HTML 8Page - RF Micro Devices RF5611 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF5611
DS110619
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.5
V
Full Spec Compliant Temperature
Range
-10 to +75
°C
Storage Temperature
-40 to +150
°C
Antenna Port Nominal Impedance
50
Ruggedness Output VSWR
10:1
Stability Output VSWR
5:1
ESD - Human Body Model
500
V
ESD - CDM
650
V
LNA Input Power (no damage)
5
dBm
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11b, IEEE802.11g
FCC CFR 15.247, .205, .209, EN & JDEC.
VDD=3.3V, LNA EN=2.85V, Temp=+25°C,
Freq=2.4GHz to 2.5GHz, unless noted other-
wise.
Operating Frequency
2.4
2.5
GHz
LNA Voltage Suppy (VDD)
3.0
3.3
4.5
V
LNA Enable Voltage (LNA_EN)
2.7
2.85
4.5
V
LNA Enabled
0.2
V
LNA Off
Switch Control Voltage “HIGH”
2.4
V
C_RX, C_TX, C_BT
Switch Control Voltage “LOW”
0.2
V
C_RX, C_TX, C_BT
LNA Bypass (LNA_EN)
2.7
4.5
V
LNA Bypass Disabled
0.2
V
LNA Bypass Enabled
Current Consumption
LNA VDD
8.5
12.5
mA
LNA in “On” state
10
ALNA in “Off” state
LNA Enable
0.7
1.1
mA
LNA Enabled
LNA Bypass
10
uA
LNA Bypass Mode
Switch Controls
10
uA
1-3uA per control line
Gain
WiFi Receive Only
9.5
12
dB
C RXHI, C TXLO, C BTLO, LNA ENHI
Simultaneous WiFi/TB
Receive (note 4)
6.5
dB
Measured at RX OUT (LNA ENHI, C RXHI, C BTHI,
C TXLO)
-4.5
dB
Measured at BT Port (LNA ENHI, C RXHI, C BTHI,
C TXLO)
Insertion Loss
WiFi Bypass Mode Only
3.5
5
dB
C RXHI, C TXLO, C BTLO, LNA ENLO
BT Receive Only
1.1
1.5
dB
C BTHI, C RXLO, C TXLO, LNA ENX
Simultaneous WiFi/BT
Bypass (note 4)
8
dB
Measured at RX OUT (LNA ENLO, C RXHI, C BTHI,
C TXLO)
5.5
dB
Measured at BT Port (LNA ENLO, C RXHI, C BTHI,
C TXLO)
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com