Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5616 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5616
Description  3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5616 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5616 Datasheet HTML 1Page - RF Micro Devices RF5616 Datasheet HTML 2Page - RF Micro Devices RF5616 Datasheet HTML 3Page - RF Micro Devices RF5616 Datasheet HTML 4Page - RF Micro Devices RF5616 Datasheet HTML 5Page - RF Micro Devices RF5616 Datasheet HTML 6Page - RF Micro Devices RF5616 Datasheet HTML 7Page - RF Micro Devices RF5616 Datasheet HTML 8Page - RF Micro Devices RF5616 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
RF5616
DS130516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage, RF applied
-0.5 to +5.25
VDC
Supply Voltage, no RF applied
-0.5 to +6.0
VDC
Power Control Voltage (V
REG)
-0.5 to 3.5
V
DC Supply Current
400
mA
Input RF Power (50
 load)
+5
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
JEDEC Level 1
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
T=+25°C; VCC=3.3V and 5.0V; VREG=2.85V;
pulsed at 1% to 100% duty cycle; Freq=4.9GHz
to 5.85GHz; unless otherwise noted.
IEEE802.11a; IEEE802.11n; IEEE802.16e
(4.9GHz to 5.85GHz)
Frequency Range
4.9
5.85
MHz
Lower, middle, upper U-NII
Output Power (Mode1)
17
18
dBm
VCC=3.3V, VMODE=Low, using a standard
IEEE802.11a waveform, 54 Mbps, 64QAM
EVM
3
4
%
RMS, mean at rated POUT, VCC=3.3V,
VREG=2.85V and temperature= -40°C to +85°C
Output Power (Mode1)
19
20
dBm
VCC=5.0V, VMODE=Low, using a standard
IEEE802.11a waveform, 54Mbps, 64QAM,
4.9GHz to 5.15 GHz
EVM
3
4
%
RMS, mean at rated POUT, VCC=5.0V,
VREG=2.85V and temperature= -40°C to +85°C,
4.9GHz to 5.15 GHz
Output Power (Mode1)
20
21
dBm
VCC=5.0V, VMODE=Low, using a standard
IEEE802.11a waveform, 54Mbps, 64QAM,
5.15GHz to 5.85 GHz
EVM
3
4
%
RMS, mean at rated POUT, VCC=5.0V,
VREG=2.85V and temperature= -40°C to +85°C,
5.15GHz to 5.85 GHz
Large Signal Gain
At rated POUT
25
29
dB
4.9GHz to 5.15GHz
27
30
dB
5.15GHz to 5.85GHz
Gain Variation
2.5
±dB
4.9GHz to 5.85GHz, -40°C to +85°C
Power Detector
POUT at 8dBm
0.3
0.4
0.5
V
Over full frequency range, -40°C to +85°C,
VCC=ON, and over full VREG range
POUT at 21dBm
0.85
1.0
1.2
V
Over full frequency range, -40°C to +85°C,
VCC=ON, and over full VREG range
Input Return Loss
-15
-7.0
dB
4.9GHz to 5.1GHz
-15
-9.0
dB
5.1GHz to 5.85GHz
Turn On/OFF
0.5
1.0
S
Output stable to within 90% of the final gain
Output VSWR
4:1
Stable and no spurs above -47dBm/MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com