Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5605SQ Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5605SQ
Description  5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5605SQ Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5605SQ Datasheet HTML 9Page - RF Micro Devices RF5605SQ Datasheet HTML 10Page - RF Micro Devices RF5605SQ Datasheet HTML 11Page - RF Micro Devices RF5605SQ Datasheet HTML 12Page - RF Micro Devices RF5605SQ Datasheet HTML 13Page - RF Micro Devices RF5605SQ Datasheet HTML 14Page - RF Micro Devices RF5605SQ Datasheet HTML 15Page - RF Micro Devices RF5605SQ Datasheet HTML 16Page - RF Micro Devices RF5605SQ Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13 of 17
RF5605
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
WiFi 802.11g Performance Plots in 100% Duty Cycle (continued)
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Output Power (dBm)
Gain (dB) versus P
OUT (dBm) -40°C
V
CC = 5VDC, VREG = 2.85VDC, DR = 100%
2412MHz
2450MHz
2484MHz
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Output Power (dBm)
Gain (dB) versus P
OUT (dBm) 25°C
V
CC = 5VDC, VREG = 2.85VDC, DR = 100%
2412MHz
2450MHz
2484MHz
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Output Power (dBm)
Gain (dB) versus P
OUT (dBm) 85°C
V
CC = 5VDC, VREG = 2.85VDC, DR = 100%
2412MHz
2450MHz
2484MHz
0.0
0.5
1.0
1.5
2.0
2.5
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Output Power (dBm)
Power Detect (V) versus P
OUT (dBm) -40°C
V
CC = 5VDC, VREG = 2.85VDC, DR = 100%
2412MHz
2450MHz
2484MHz
0.0
0.5
1.0
1.5
2.0
2.5
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Output Power (dBm)
Power Detect (V) versus P
OUT (dBm) 25°C
V
CC = 5VDC, VREG = 2.85VDC, DR = 100%
2412MHz
2450MHz
2484MHz
0.0
0.5
1.0
1.5
2.0
2.5
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Output Power (dBm)
Power Detect (V) versus P
OUT (dBm) 85°C
V
CC = 5VDC, VREG = 2.85VDC, DR = 100%
2412MHz
2450MHz
2484MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com