Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5652SB Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5652SB
Description  5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5652SB Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5652SB Datasheet HTML 5Page - RF Micro Devices RF5652SB Datasheet HTML 6Page - RF Micro Devices RF5652SB Datasheet HTML 7Page - RF Micro Devices RF5652SB Datasheet HTML 8Page - RF Micro Devices RF5652SB Datasheet HTML 9Page - RF Micro Devices RF5652SB Datasheet HTML 10Page - RF Micro Devices RF5652SB Datasheet HTML 11Page - RF Micro Devices RF5652SB Datasheet HTML 12Page - RF Micro Devices RF5652SB Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9 of 21
RF5652
DS120125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
WiFi Application
C9
2.7 pF
J2
RFOUT
PDET
C6
680 pF
R3
22
VREG3
C5
680pF
R2
110
VREG2
C2
0.7pF
R1
360
VREG1
J1
RFIN
C10
0.7 pF
C11
1 uF
C17
10 uF
VCC
C19
3.9 pF
L6
3.6 nH
C8
1.5 pF
R4
22
P1
1
2
HDR_1X2
P1-1
VCC
GND
P2
1
2
3
4
5
6
HDR_1X6
PDET
VREG3
VREG2
VREG1
C13
4.7 pF
C16
6.8 pF
C7
330 pF
C1
DNP
1
2
3
9
32
10
11
30
4
5
25
6
7
8
12
13
14
15
16
31
29
28
27
26
24
23
22
21
20
19
18
17
PENABLE
PENABLE
C4
680pF
C12
4.7pF
R5
22
L7
3.9 nH
C15
1uF
VCC
C8: 105mils
from device
edge to Cap
edge
C19: 45 mils
from device
edge to Cap
edge
R7
0
L3
3.9 nH
R8
0
R6
20 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com