Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFD21649 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IFD21649
Description  Ceramic bandpass filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IFD21649 Datasheet(HTML) 2 Page - Integrated Technology Future

  IFD21649 Datasheet HTML 1Page - Integrated Technology Future IFD21649 Datasheet HTML 2Page - Integrated Technology Future IFD21649 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ceramic Bandpass Filter IFD21649
Part No.
IFD21649
Rev. Date
2014-09-03
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
2/3
Specifications
Fo =
2160MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency (
Fo
)
-
2160
-
MHz
Insertion Loss (2150 ~ 2170MHz)
-
2.5
3.0
dB
Amplitude Ripple (2150 ~ 2170MHz)
-
0.3
0.5
dB
Return Loss (2150 ~ 2170MHz)
18
20
-
dB
Relative Attenuation
@
2102.5 MHz
50.0
55.0
-
dB
Input/Output Impedance
50
Ohm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com