Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5765SQ Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5765SQ
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5765SQ Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5765SQ Datasheet HTML 5Page - RF Micro Devices RF5765SQ Datasheet HTML 6Page - RF Micro Devices RF5765SQ Datasheet HTML 7Page - RF Micro Devices RF5765SQ Datasheet HTML 8Page - RF Micro Devices RF5765SQ Datasheet HTML 9Page - RF Micro Devices RF5765SQ Datasheet HTML 10Page - RF Micro Devices RF5765SQ Datasheet HTML 11Page - RF Micro Devices RF5765SQ Datasheet HTML 12Page - RF Micro Devices RF5765SQ Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RF5765
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
12
11
10
9
8
7
6
5
4
3
2
1
16
15
14
13
Vreg
Pdet
TX_IN
C_RX
BT
VCC
C2
1uF
C3
180pF
RX_OUT
L1
1.1nH
C1
0.1uF
LNA VDD
C_BWRx
C_BT
R1
5.6 k
ANT
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com