Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6505SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF6505SR
Description  3.2V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6505SR Datasheet(HTML) 9 Page - RF Micro Devices

  RF6505SR Datasheet HTML 1Page - RF Micro Devices RF6505SR Datasheet HTML 2Page - RF Micro Devices RF6505SR Datasheet HTML 3Page - RF Micro Devices RF6505SR Datasheet HTML 4Page - RF Micro Devices RF6505SR Datasheet HTML 5Page - RF Micro Devices RF6505SR Datasheet HTML 6Page - RF Micro Devices RF6505SR Datasheet HTML 7Page - RF Micro Devices RF6505SR Datasheet HTML 8Page - RF Micro Devices RF6505SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF6505
DS140925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
0
10
20
30
40
50
60
2300
2405
2440
2480
Frequency (MHz)
TX S21 versus Frequency
(Over Temperature )
VCC = 4.0V; TX_EN = 3.0V
-40 C
25 C
85 C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com