Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6514SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF6514SR
Description  3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6514SR Datasheet(HTML) 9 Page - RF Micro Devices

  RF6514SR Datasheet HTML 1Page - RF Micro Devices RF6514SR Datasheet HTML 2Page - RF Micro Devices RF6514SR Datasheet HTML 3Page - RF Micro Devices RF6514SR Datasheet HTML 4Page - RF Micro Devices RF6514SR Datasheet HTML 5Page - RF Micro Devices RF6514SR Datasheet HTML 6Page - RF Micro Devices RF6514SR Datasheet HTML 7Page - RF Micro Devices RF6514SR Datasheet HTML 8Page - RF Micro Devices RF6514SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF6514
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
50
40
30
20
10
0
10
5
195
395
595
795
995
Frequency(MHz)
Receive S Plots
VCC = 3.6V, VREG = 0.2V, C_TX = 0.2V, and C_RX = 3.4V
S11
S12
S21
S22
90
70
50
30
10
10
30
5
195395
595795
995
Frequency (MHz)
Transmit S Plots
VCC = 3.6V, VREG = 3.4V, C_TX = 3.4V, andC_RX = 0.2V
S11
S12
S21
S22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com