Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6549 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6549
Description  2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6549 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF6549 Datasheet HTML 2Page - RF Micro Devices RF6549 Datasheet HTML 3Page - RF Micro Devices RF6549 Datasheet HTML 4Page - RF Micro Devices RF6549 Datasheet HTML 5Page - RF Micro Devices RF6549 Datasheet HTML 6Page - RF Micro Devices RF6549 Datasheet HTML 7Page - RF Micro Devices RF6549 Datasheet HTML 8Page - RF Micro Devices RF6549 Datasheet HTML 9Page - RF Micro Devices RF6549 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RF6549
DS121212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
-1
Pin(dBm)
RX Gain(dB) Vs. Input Power(dBm)
PA VCC = 0V , VCCDIG & LNA VCC = 4.2V
CTL1, CTL2, CTL3 & CTL4 = 4V, CTL5 = 0V
915 MHz
-40 °C
25 °C
85 °C
0
50
100
150
200
250
300
0
5
10
15
20
25
30
Pout(dBm)
Transmit Operang Current(mA) Vs Pout(dBm)
PA VCC & VCCDIG = 4.2V ;LNA Vcc = 0V
CTL1 & CTL4 = 4V, CTL2, CTL3 & CTL35= 0V
Freq= 915 MHz, Temp = -40°, 25° & 85°C
-40 °C
25 °C
85 °C
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
-25-20
-15-10
-5
0
Pin(dBm)
Receive Operang Current(mA) Vs Pout(dBm)
PA VCC = 0V ; LNA VCC & VCCDIG = 4.2V
CTL1, CTL2, CTL3 & CTL4 = 4V , CTL5 = 0V
Freq= 915 MHz, Temp = -40°, 25° & 85°C
-40 °C
25 °C
85 °C
12.5
13
13.5
14
14.5
15
15.5
16
860
870
880
890
900
910
920
930
940
Freq(MHz)
RX Gain(dB) Vs. Freq(MHz)
PA VCC = 0V , VCCDIG & LNA VCC = 4.2V
CTL1, CTL2, CTL3 & CTL4 = 4V, CTL5 = 0V
Input Power = -20dBm
-40 °C
25 °C
85 °C
-3.5
-3.3
-3.1
-2.9
-2.7
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
-16
-14
-12
-10
-8
-6
-4
-2
Pin(dBm)
RX LNA Bypass Inser on Loss(dB) Vs. Input Power(dBm)
PA VCC = 0V , VCCDIG & LNA VCC = 4.2V
CTL1, CTL2 & CTL4 = 4V, CTL3 & CTL5 = 0V
915 MHz
-40 °C
25 °C
85 °C
-3.5
-3.3
-3.1
-2.9
-2.7
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
860
880
900
920
940
Freq(MHz)
RX LNA Bypass Inser on Loss(dB) Vs. Freq(MHz)
PA VCC = 0V , VCCDIG & LNA VCC = 4.2V
CTL1, CTL2 & CTL4 = 4V, CTL3 & CTL5 = 0V
915 MHz
-40 °C
25 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com