Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6559 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6559
Description  4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6559 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6559 Datasheet HTML 1Page - RF Micro Devices RF6559 Datasheet HTML 2Page - RF Micro Devices RF6559 Datasheet HTML 3Page - RF Micro Devices RF6559 Datasheet HTML 4Page - RF Micro Devices RF6559 Datasheet HTML 5Page - RF Micro Devices RF6559 Datasheet HTML 6Page - RF Micro Devices RF6559 Datasheet HTML 7Page - RF Micro Devices RF6559 Datasheet HTML 8Page - RF Micro Devices RF6559 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF6559
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Battery Voltage
5.25
V
RF Input Power
-8
dBm
Operating Temperature
-40 to +105
°C
Storage Temperature
-40 to +150
°C
ESD, HBM (All Pins)
750
V
ESD, CDM (All Pins)
750
V
MSL
MSL 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Specifications
Frequency
868
902 to 928
MHz
RF Port Impedance
50
Operating Voltage
4.0
4.2
4.5
V
Module Leakage Current
1.64
A
Tx High Power Mode
Input Power
-16
-10
-8
dBm
PSA
27
30
dBm
PSAT
Operating Output Power
( +85°C to +105°C)
26
dBm
PSAT
Large Signal Gain
38
42
dB
Input Return Loss
7
8
dB
Operating Current
340
385
mA
PDET Voltage Range
1
3
V
PDET Power Range
20
30
dBm
PDET Gradient
TBD
PDET Tempature Variation
TBD
Stability
10:1
Rx Mode
Gain
28
32
35
dB
Current
6
8
20
mA
NF
1.8
2.2
dB
Input IP3
-18
-11
dBm
Input P1dB
-23
-20
dBm
Input Return Loss
3.5
5
dB
Output Return Loss
10
12
dB
Antenna Switch Section
Isolation
20
36
dB
Any used port to any unused port
2Fo Harmonic
-43
-5
dBc
3Fo Harmonic
-50
-45
dBc
4Fo Harmonic
-53
-45
dBc
5Fo Harmonic
-43
-40
dBc
6Fo to 10Fo Harmonic
-46
-45
dBc
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com