Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6559SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF6559SR
Description  4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6559SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF6559SR Datasheet HTML 2Page - RF Micro Devices RF6559SR Datasheet HTML 3Page - RF Micro Devices RF6559SR Datasheet HTML 4Page - RF Micro Devices RF6559SR Datasheet HTML 5Page - RF Micro Devices RF6559SR Datasheet HTML 6Page - RF Micro Devices RF6559SR Datasheet HTML 7Page - RF Micro Devices RF6559SR Datasheet HTML 8Page - RF Micro Devices RF6559SR Datasheet HTML 9Page - RF Micro Devices RF6559SR Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RF6559
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
27
29
31
33
35
37
39
41
43
45
47
5
10
152025
30
P
OUT (dBm)
PA Gain (dB)versus P
OUT (dBm)
PA V
CC,VCCDIG, and LNA VCC = 4.2V, TXEN andTXC = 3.3V, RXEN andRXC = 0.2V
Freq = 915MHz, Temp=40°C, 25°C, and 105°C
40°C
25°C
105°C
27
29
31
33
35
37
39
41
43
45
47
5
10
152025
30
P
OUT (dBm)
PA Gain (dB) versus P
OUT (dBm)
PA V
CC, VCCDIG, and LNAVCC = 4.2V, TXEN and TXC = 3.3V, RXEN and RXC = 0.2V
Freq = 902MHz,915MHz, and 928MHz, Temp = 25°C
902M,
915MH
928MH
35
36
37
38
39
40
41
42
900
905
910
915
920
925
930
Frequency (MHz)
TxGain(dB) versusFrequency (MHz)
PA V
CC,VCCDIG, and LNA VCC = 4.2V, TXEN and TXC = 3.3V, RXEN and RXC = 0.2V
P
OUT = 28dBm
40°C
25°C
105°C
0
50
100
150
200
250
300
350
400
450
5
101520
2530
P
O (dBm)
Operating Current (mA) versus Output Power (dBm)
PA V
CC,VCCDIG, and LNA VCC = 4.2V, TXEN and TXC = 3.3V, RXEN andRXC = 0.2V
Freq = 915MHz, Temp = 30°C, 25°C, and 105°C
40°C
25°C
105°C
40
35
30
25
20
15
10
5
5
1015202530
P
OUT (dBm)
P
IN (dBm) versus POUT (dBm)
PA V
CC, VCCDIG, and LNAVCC = 4.2V, TXEN and TXC = 3.3V, RXEN and RXC = 0.2V
Freq = 915MHz, Temp = 30°C, 25°C, and 70°C
40°C
25°C
105°C
40
35
30
25
20
15
10
5
5
10
152025
30
P
OUT (dBm)
P
IN (dBm) versus POUT (dBm)
PA V
CC,VCCDIG, and LNA VCC = 4.2V, TXEN and TXC = 3.3V, RXEN andRXC = 0.2V
Freq = 902MHz, 915MHz, and 928MHz, Temp = 25°C
902MHz
915MHz
928MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com