Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6539 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6539
Description  3.3V TO 4.0V,915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6539 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6539 Datasheet HTML 1Page - RF Micro Devices RF6539 Datasheet HTML 2Page - RF Micro Devices RF6539 Datasheet HTML 3Page - RF Micro Devices RF6539 Datasheet HTML 4Page - RF Micro Devices RF6539 Datasheet HTML 5Page - RF Micro Devices RF6539 Datasheet HTML 6Page - RF Micro Devices RF6539 Datasheet HTML 7Page - RF Micro Devices RF6539 Datasheet HTML 8Page - RF Micro Devices RF6539 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF6539
DS130110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Battery Voltage
5
V
RF Port Impedance
50
Operating Temperature
-30 to 70
°C
Storage Temperature
-40 to 85
°C
ESD, HBM (RF pins)
500
V
ESD, HBM (All pins)
500
V
ESD, CDN (RF pins)
500
V
ESD, CDM (all pins)
500
V
MSL
MSL 3
Maximum Input Power to PA
+10
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Amplifier
VCC = 3.6V, TXRX_SEL = HIGH, ANT_SEL =
HIGH or LOW, VREG = 3.4V
Frequency Range
868
902 to 928
MHz
CW Output Power
21
22
dBm
Near Saturation
Small Signal Gain
16.5
dB
Thermal Resistance
39.5
°C/W
3.6V VCC, 3.4V VREG, 21dBm POUT, TREF = 85°C
Output Harmonic Levels
2nd
-30
dBc
3rd through 10th
-63
dBc
Input Return Loss
10
dBc
Power Supply Voltage
VCC
3.3
3.6
4
V
VREG
3.1
3.4
3.8
V
VREG = VCC - 0.2V
Current
Operating VCC
100
120
mA
VCC = 3.6V, POUT = 22dBm
Operating VREG
34
mA
Tx Idle Current
24
30
mA
VCC = 3.6V, VREG = 3.4V, ANT_SEL = TXRX_SEL
= 3.4V at POUT = 0dBm
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com