Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7225PCBA-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF7225PCBA-410
Description  3V W-CDMA BAND 5 LINEAR PA MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7225PCBA-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF7225PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF7225PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF7225PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF7225PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF7225PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF7225PCBA-410 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
RF7225
Prelim DS110224
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1VBAT
Supply voltage for bias circuitry.
2RF IN
RF input internally matched to 50
 and DC blocked. Input matching includes a shunt inductor to ground which
would short DC voltage placed on this pin.
3VMODE1
Digital control input for power mode selection (see Operating Modes truth table).
4VMODE0
Digital control input for power mode selection (see Operating Modes truth table).
5VEN
Digital control input for PA enable and disable (see Operating Modes truth table).
6
CPL_OUT
Coupler output.
7GND
This pin must be grounded.
8
CPL_IN
Coupler input used for cascading couplers in series. Terminate this pin with a 50
 resistor if not connected to
another coupler.
9RF OUT
RF output internally matched to 50
and DC blocked.
10
VCC
Supply voltage for the first and second stage amplifier.
Pkg
Base
GND
Ground connection. The package backside should be soldered to a topside ground pad connecting to the PCB
ground plane with multiple ground vias. The pad should have a low thermal resistance and low electrical imped-
ance to the ground plane.
VEN
VMODE0 VMODE1 VBAT
VCC
Conditions/Comments
Low
Low
Low
3.0V to 4.35V
3.0V to 4.35V
Power down mode
Low
X
X
3.0V to 4.35V
3.0V to 4.35V
Standby Mode
High
Low
Low
3.0V to 4.35V
3.0V to 4.35V
High power mode
High
High
Low
3.0V to 4.35V
3.0V to 4.35V
Medium power mode
High
High
High
3.0V to 4.35V
3.0V to 4.35V
Low power mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com