Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7252 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF7252
Description  3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7252 Datasheet(HTML) 1 Page - RF Micro Devices

  RF7252 Datasheet HTML 1Page - RF Micro Devices RF7252 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of
2
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
VBAT
RF OUT
RF IN
VMODE1
VEN
VMODE0
VCC
CPL IN
CPL OUT
GND
5
4
1
2
3
6
7
10
9
8
AMP
Bias Control
& PA/VMODE
Enable
RF7252
3V CDMA/WCDMA BAND 2 LINEAR PA
MODULE
The RF7252 is a high-power, high-efficiency linear power amplifier
designed for use as final amplification stage in 3V, 50
 UMTS/CDMA
mobile cellular equipment. This PA is developed for UMTS Band 2 and
CDMA PCS band which operates in the 1850MHz to 1910MHz frequency
range. The RF7252 has two digital control pins to select one of three
power bias states to optimize performance and current drain at lower
power levels. The part also has an integrated directional coupler which
eliminates the need for an external discrete coupler at the output. The
RF7252 meets spectral linearity requirements for CDMA, HSDPA, and
HSUPA data transmission. The RF7252 part is assembled in a 10-pin,
3mm x 3mm module.
Features
Multi-mode UMTS/CDMA/
EV-DO
Best-in-Class Efficiency
+28.5 dBm, PAE 44%,
WCDMA
+28.25 dBm, PAE 42%,
CDMA 2K RC1
High Coupler Directivity 22dB
Internal Voltage Regulator
3-Mode Power States with
Digital Control Interface
Optimized for DC-DC
converter Operation: RF6650
recommended
Three Power States with
Digital Control Interface
Integrated Power Coupler
Integrated Blocking and
Decoupling Capacitors
Applications
UMTS/CDMA Wireless Hand-
sets and Datacards
RF7252
3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF7252PCBA-410
Fully Assembled Evaluation Board
DS121210
Package Style: Module, 10-Pin, 3mm x 3mm x 0.8mm


Similar Part No. - RF7252

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7206 RFMD-RF7206 Datasheet
576Kb / 8P
3 V W-CDMA BAND 2 LINEAR PA MODULE
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7222PCBA-410 RFMD-RF7222PCBA-410 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7225PCBA-410 RFMD-RF7225PCBA-410 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
More results

Similar Description - RF7252

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
Rev 1.3
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
3V W-CDMA BAND 5 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
3V W-CDMA BAND 8 LINEAR PA MODULE
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7411 RFMD-RF7411 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
3V WCDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7411 QORVO-RF7411 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com